Nombre de pieza
         Descripción
UTC78LXX

 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS ( 6 Page)


ETC1
100% 
Zoom Out Zoom In
   
 1 page
background image
UTC78LXX
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
1
3-TERMINAL 0.1A POSITIVE
VOLTAGE REGULATORS
DESCRIPTION
The UTC78LXX series of fixed voltage monolithic
integrated circuit voltage regulators are suitable for
applications that required supply up to 100mA.
FEATURE
*Maximum output current of 100mA
*Output voltage of 5V,6V,8V,9V,10V,12V,15V and 24V
*Thermal overload protection
*Short circuit current limiting
TO-92
1
1:Output 2:GND; 3:Input
BLOCK DIAGRAM
1
3
2
GND
OUTPUT
INPUT
R13
R17
R9
Z2
T12
T14
R19
R18
R12
R11
R10
R8
T8
T9
T13
T10
R14
T11
T5
T6
R5
T4
Z1
R15
T15
R16
R1
R2
R4
C1
R6
T7
T3
T1
T2
R3
R7
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
KA78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
KA78LXXA3-terminal 0.1A positive voltage regulator 1 2 3 4 5 MoreFairchild Semiconductor
LR78L00LR78L00 Series3-Terminal 0.1A Positive Voltage Regulators 1 2 3 4 5 MoreLeshan Radio Company
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl