Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM8108 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza DM8108
Descripción Electrónicos  8 port 10/100M Fast Ethernet Switching Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

DM8108 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM8108 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
DM8108
8 port 10/100M Fast Ethernet Switching Controller
Preliminary
1
Version: DM8108-DS-P02
November 25, 1999
General Description
The DM8108 is an 8 port 10/100Mbit/s nonblocking
Ethernet switch with on-chip address-lookup engine. The
DM8108 provides a low-cost, high-performance switch
solution with PHYs and single SGRAM.
The DM8108 provides eight 10/100Mbit/s Fast Ethernet
interface. In half-duplex mode, all ports support back-
pressure capability to reduce the risk of data loss for a long
burst of activity. In the full-duplex mode of operation, the
device uses IEEE std. 802.3 frame-based pause protocol
for flow control. With full-duplex capability, port 0 – 7 support
1.6Gbit/s aggregate bandwidth connections. The DM8108
also supports port trunking/load balancing on the
10/100Mbit ports. This can be used to group ports on inter-
switch links to increase the effective bandwidth between the
systems.
The internal address-lookup engine supports up to 16.25K
unicast and unlimited multicast and broadcast addresses.
This engine performs destination and source addresses
book-keeping and comparison which also forwards
unknown destination address packets to all ports.
The DM8108 is fabricated with a .35um technology.
Working at 3.3V, the inputs are 5V tolerant and the outputs
are capable of directly driving at TTL levels.
Block Diagram
Expansion
Address
Learning
MEM
Controller
LED Control
Unit
Switching
Engine
Control &
Status


Número de pieza similar - DM8108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
   6-Bit Unified Bus Comparator
logo
Texas Instruments
DM8147BCIS0 TI1-DM8147BCIS0 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
DM8147SCIS0 TI1-DM8147SCIS0 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
logo
Fairchild Semiconductor
DM81LS95 FAIRCHILD-DM81LS95 Datasheet
71Kb / 7P
   3-STATE Octal Buffer
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
More results

Descripción similar - DM8108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Davicom Semiconductor, ...
DM9620I DAVICOM-DM9620I_1 Datasheet
57Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
   Eight-port 10/100M Ethernet Switch Controller
logo
Zarlink Semiconductor I...
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
   4-Port 10/100M Ethernet Access Controller
logo
Davicom Semiconductor, ...
DM9621 DAVICOM-DM9621 Datasheet
476Kb / 66P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620 DAVICOM-DM9620 Datasheet
455Kb / 71P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9621ANP DAVICOM-DM9621ANP Datasheet
58Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I Datasheet
447Kb / 71P
   USB2.0 to 10/100M Fast Ethernet Controller
DM9620AEP DAVICOM-DM9620AEP Datasheet
58Kb / 2P
   USB2.0 to 10/100M Fast Ethernet Controller
logo
Winbond
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
   3-IN - 1 10/100M FAST ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com