Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD3986J285R-E Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza LD3986J285R-E
Descripción Electrónicos  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986J285R-E Datasheet(HTML) 3 Page - STMicroelectronics

  LD3986J285R-E Datasheet HTML 1Page - STMicroelectronics LD3986J285R-E Datasheet HTML 2Page - STMicroelectronics LD3986J285R-E Datasheet HTML 3Page - STMicroelectronics LD3986J285R-E Datasheet HTML 4Page - STMicroelectronics LD3986J285R-E Datasheet HTML 5Page - STMicroelectronics LD3986J285R-E Datasheet HTML 6Page - STMicroelectronics LD3986J285R-E Datasheet HTML 7Page - STMicroelectronics LD3986J285R-E Datasheet HTML 8Page - STMicroelectronics LD3986J285R-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LD3986 SERIES
3/12
Figure 2: Pin Connection (top through view)
Table 4: Pin Description
Figure 3: Typical Application Circuit
Symbol
Pin N°
Name and Function
VO2
A1
Output Voltage 2 of the dual LDO
EN2
B1
Enables voltage for output voltage 2: ON MODE when VEN ≥ 1.4V, OFF MODE when VEN
0.4V (Do not leave floating, not internally pulled down/up)
BYPASS
C1
Bypass Pin: Connect an external capacitor (usually 10nF) to minimize noise voltage
GND
C2
Common Ground
GND
C3
Common Ground
EN1
B3
Enables voltage for output voltage 1: ON MODE when VEN ≥ 1.4V, OFF MODE when VEN
0.4V (Do not leave floating, not internally pulled down/up)
VO1
A3
Output Voltage 1 of the dual LDO
VI
A2
Input Voltage for both LDO


Número de pieza similar - LD3986J285R-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LD3980 STMICROELECTRONICS-LD3980 Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM08R STMICROELECTRONICS-LD3980PM08R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM12R STMICROELECTRONICS-LD3980PM12R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM135R STMICROELECTRONICS-LD3980PM135R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM13R STMICROELECTRONICS-LD3980PM13R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
More results

Descripción similar - LD3986J285R-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
logo
STMicroelectronics
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2982BXX18 STMICROELECTRONICS-LD2982BXX18 Datasheet
333Kb / 17P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com