Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-1301-GH0VB Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-1301-GH0VB Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 12 page 5 Electrical Characteristics at TA = 25°C Device Test Symbol Description HLMP- Min. Typ. Max. Units Conditions 2 θ1/2 Included Angle Between All 60 Deg. IF = 10 mA Half Luminous Intensity See Note 1 Points λ PEAK Peak Wavelength High Efficiency Red 635 nm Measurement Orange 600 at Peak Yellow 583 Green 565 Emerald Green 558 λ d Dominant Wavelength High Efficiency Red 626 nm See Note 2 Orange 602 Yellow 585 Green 569 Emerald Green 560 ∆λ 1/2 Spectral Line Halfwidth High Efficiency Red 40 nm Yellow 36 Green 28 Emerald Green 24 τ s Speed of Response High Efficiency Red 90 ns Orange 280 Yellow 90 Green 500 Emerald Green 3100 C Capacitance High Efficiency Red 11 pF VF = 0; Orange 4 f = 1 MHz Yellow 15 Green 18 Emerald Green 35 R θ J-PIN Thermal Resistance All 290 °C/W Junction to Cathode Lead VF Forward Voltage HER/Orange 1.5 1.9 2.4 V IF = 10 mA Yellow 1.5 2.0 2.4 Green 1.5 2.1 2.7 Emerald Green 2.1 2.7 VR Reverse Breakdown All 5.0 V IR = 100 µA Voltage η V Luminous Efficacy High Efficiency Red 145 lumens See Note 3 Orange 380 Watt Yellow 500 Green 595 Emerald Green 655 Notes: 1. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, λ d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie= Iv/ηv, where Iv is the luminous intensity in candelas and ηv is the luminous efficacy in lumens/watt. |
Número de pieza similar - HLMP-1301-GH0VB |
|
Descripción similar - HLMP-1301-GH0VB |