Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADM1487 Datasheet(PDF) 4 Page - Analog Devices |
|
ADM1487 Datasheet(HTML) 4 Page - Analog Devices |
4 / 8 page ADM1487 –4– Rev. PrC PRELIMINARY TECHNICAL DATA ADM1487SPECIFICATIONS(continued) SWITCHING CHARACTERISTICS (VCC = +5V ±5%, TA = -40°C TO +85°C, UNLESS OTHERWISE NOTED) Parameter Min Typ Max Units Test Conditions/Comments Driver Disable Time from High, tDHZ 150 1500 ns Figures 5, 6, CL= l5pF, S2 Closed Receiver Input to Output, tRPLH 30 140 250 ns Figures.2, 4, RDIFF= 54 , CL1 = CL2 = 100pF Receiver Input to Output Low, tRPHL 30 140 250 ns Figures.2, 4, RDIFF= 54 , CL1 = CL2 = 100pF DifferentialReceiverSkew, tSKD 13 ns Figures.2, 4, RDIFF= 54 , |tPLH-tPHL| CL1 = CL2 = 100pF Receiver Enable to Output Low, tRZL 20 50 ns Figures 7, 8, CRL = l5pF, S1 Closed Receiver Enable to Output High, tRZH 20 50 ns Figures 7, 8, CRL = l5pF, S2 Closed Receiver Disable from Low, tRLZ 20 50 ns Figures 7, 8, CRL = l5pF, S1 Closed Receiver Disable from High, tRHZ 20 50 ns Figures 7, 8, CRL = l5pF, S2 Closed Maximum Data Rate, fMAX 250 kbps Time to Shutdown, tSHDN 50 200 600 ns DE = 0, RE = low to high transition Driver Enable from Shutdown to 2000 ns Figures 5, 6, CL = 100pF, S2 Closed Output High, tDZH(SHDN) Driver Enable from Shutdown to 2000 ns Figures 5, 6, CL = 100pF, S1 Closed Output Low, tDZL(SHDN) Receiver Enable from Shutdown to 2000 ns Figures 7, 8, CL = l5pF, S2 Closed Output High, tRZH(SHDN) Receiver Enable from Shutdown to 2000 ns Figures 7, 8, CL = l5pF, S1 Closed Output Low, tRZL(SHDN) NOTES 1Absolute maximum ratings are those beyond which the safety of the device cannot be guaranfeed. 2All currents into device pins are positive; all currents out ot device pins are negative. All voltages are referenced to device ground unless otherwise specified. 3All typicals are given for Vcc = 5V and Tp = 25°C. 4The ADM1487 is not tested and is not quality-assurance sampled at -40°C and at 85°C. These specifications are guaranteed by design, correlation, andlor inference from 0°C, 25°C and/or 70°C tests. ABSOLUTE MAXIMUM RATINGS Supply Voltage (Vcc) . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Control Input Voltage . . . . . . . . . . . –0.5V to Vcc + 0.5V Driver Input Voltage . . . . . . . . . . . –0.5V to Vcc + 0.5V Driver Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . ±14V Receiver InputVoltage . . . . . . . . . . . . . . . . . . . . . . . . ±14V Receiver Output Voltage . . . . . . . . . –0.5V to Vcc + 0.5V Operating Temperature Range . . . . . . 0°C TA 70°C Lead Temperature (Soldering, 10 sec) . . . . . . . . . 300°C *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL CHARACTERISTICS 8-Pin Plastic DIP Package θ JA = tbd K/Watt, θJC = tbd K/Watt 8-Pin Plastic SO Package θ JA = tbd K/Watt, θ JC = tbd K/Watt PIN CONFIGURATION ORDERING INFORMATION Model Temperature Range Package Option ADM1487JN 0°C to +70°C 8 Pin Plastic DIP ADM1487JR 0°C to +70°C 8 Pin SO ADM1487AN –40°C to +85°C 8 Pin Plastic DIP ADM1487AR –40°C to +85°C 8 Pin SO ADM1487 TOP VIEW (Not to Scale) RO RE DE DI VCC B A GND 1 2 3 4 8 7 6 5 |
Número de pieza similar - ADM1487 |
|
Descripción similar - ADM1487 |