Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDLL5539C Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza CDLL5539C
Descripción Electrónicos  LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL5539C Datasheet(HTML) 2 Page - Microsemi Corporation

  CDLL5539C Datasheet HTML 1Page - Microsemi Corporation CDLL5539C Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
144
CDLL5518 thru CDLL5546D
.1
.2
.5
1
2
5
10
20
50
100
OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
28 VOLT
6.8 VOLT
11 VOLT
0
25
50
75
100
125
150
175
TEC , End cap temperature (C°)
POWER DERATING CURVE
500
400
300
200
100
0
FIGURE 2


Número de pieza similar - CDLL5539C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
CDLL5539B CDI-DIODE-CDLL5539B Datasheet
94Kb / 2P
   ZENER DIODE, 500mW
logo
Microsemi Corporation
CDLL5539B MICROSEMI-CDLL5539B Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
CDLL5539B MICROSEMI-CDLL5539B Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
CDLL5539D MICROSEMI-CDLL5539D Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
CDLL5539F MICROSEMI-CDLL5539F Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
More results

Descripción similar - CDLL5539C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RLZTE-1113B ROHM-RLZTE-1113B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1120B ROHM-RLZTE-1120B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1118C ROHM-RLZTE-1118C Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1122B ROHM-RLZTE-1122B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1113A ROHM-RLZTE-1113A Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1110B ROHM-RLZTE-1110B Datasheet
820Kb / 4P
   500MW Zener Leadless Diode
RLZTE-1115A ROHM-RLZTE-1115A Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1127D ROHM-RLZTE-1127D Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1136B ROHM-RLZTE-1136B Datasheet
820Kb / 4P
   500mW Zener LeadLess Diode
RLZTE-1122D ROHM-RLZTE-1122D Datasheet
820Kb / 4P
   500mW Zener Leadless Diode RLZ Series
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com