Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6610COTR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza SS6610COTR
Descripción Electrónicos  High Efficiency Syncronous Step-up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SS6610COTR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SS6610COTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 9Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 10Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.SiliconStandard.com
7 of 16
Rev.2.01 11/06/2003
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 13
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
550
0
20
40
60
80
100
120
140
VOUT=3.3V
CIN=100µF
COUT=100µF
VIN=1.2V
VIN=2.4V
SS6610 (ILIMIT =1A)
SS6610 (ILIMIT =1A)
Fig. 14
Efficiency vs. Load Current (ref. to Fig.32)
Output Current (mA)
0.01
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN=1.2V
VIN=2.4V
SS6611 (I LIMIT =0.65A)
VOUT=3.3V (FB=OUT)
Fig. 15
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
120
140
VOUT=3.3V
L=22
µH
CIN=47µF
COUT=47µF
VIN=1.2V
VIN=2.4V
SS6611 (I LIMIT =0.65A)
Fig. 16
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
110
120
VOUT=3.3V
L=22
µH
CIN=100µF
COUT=100µF
VIN=1.2V
VIN=2.4V
SS6611 (ILIMIT =0.65A)
Fig. 17
Reference Voltage vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
1.20
1.21
1.22
1.23
1.24
1.25
1.26
IREF=0
Fig. 18
Switch Resistance vs. Temperature
Temperature (°C)
-
60
-
40
-20
0
20
40
60
80
100
0.
00
0.
05
0.
10
0.
15
0.
20
0.25
0.
30
0.35
0.
40
0.45
0.50
P-Channel
N-Channel
VOUT=3.3V
ILX=100mA
SS6610/11


Número de pieza similar - SS6610COTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
SS6610GOTR SSC-SS6610GOTR Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
More results

Descripción similar - SS6610COTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com