Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3844BG Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza UC3844BG
Descripción Electrónicos  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3844BG Datasheet(HTML) 1 Page - ON Semiconductor

  UC3844BG Datasheet HTML 1Page - ON Semiconductor UC3844BG Datasheet HTML 2Page - ON Semiconductor UC3844BG Datasheet HTML 3Page - ON Semiconductor UC3844BG Datasheet HTML 4Page - ON Semiconductor UC3844BG Datasheet HTML 5Page - ON Semiconductor UC3844BG Datasheet HTML 6Page - ON Semiconductor UC3844BG Datasheet HTML 7Page - ON Semiconductor UC3844BG Datasheet HTML 8Page - ON Semiconductor UC3844BG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2004
September, 2004 − Rev. 3
1
Publication Order Number:
UC3844B/D
UC3844B, UC3845B,
UC2844B, UC2845B
High Performance
Current Mode Controllers
The UC3844B, UC3845B series are high performance fixed
frequency current mode controllers. They are specifically designed for
Off−Line and dc−dc converter applications offering the designer a
cost−effective solution with minimal external components. These
integrated circuits feature an oscillator, a temperature compensated
reference, high gain error amplifier, current sensing comparator, and a
high current totem pole output ideally suited for driving a power
MOSFET.
Also included are protective features consisting of input and
reference undervoltage lockouts each with hysteresis, cycle−by−cycle
current limiting, a latch for single pulse metering, and a flip−flop
which blanks the output off every other oscillator cycle, allowing
output deadtimes to be programmed from 50% to 70%.
These devices are available in an 8−pin dual−in−line and surface
mount (SOIC−8) plastic package as well as the 14−pin plastic surface
mount (SOIC−14). The SOIC−14 package has separate power and
ground pins for the totem pole output stage.
The UCX844B has UVLO thresholds of 16 V (on) and 10 V (off),
ideally suited for off−line converters. The UCX845B is tailored for
lower voltage applications having UVLO thresholds of 8.5 V (on) and
7.6 V (off).
Features
Pb−Free Packages are Available
Trimmed Oscillator for Precise Frequency Control
Oscillator Frequency Guaranteed at 250 kHz
Current Mode Operation to 500 kHz Output Switching Frequency
Output Deadtime Adjustable from 50% to 70%
Automatic Feed Forward Compensation
Latching PWM for Cycle−By−Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
14
SOIC−14
D SUFFIX
CASE 751A
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 16 of this data sheet.
DEVICE MARKING INFORMATION
1
8
PDIP−8
N SUFFIX
CASE 626
PIN CONNECTIONS
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
Vref
NC
VCC
VC
Output
GND
Power Ground
VCC
Output
GN
D
(Top View)
8
7
6
5
1
2
3
4
1
2
3
4
14
13
12
11
5
6
7
10
9
8
(Top View)
SOIC−8
D1 SUFFIX
CASE 751
1
8
http://onsemi.com


Número de pieza similar - UC3844BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
UC3844B MOTOROLA-UC3844B Datasheet
433Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3844B ONSEMI-UC3844B Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
STMicroelectronics
UC3844B STMICROELECTRONICS-UC3844B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3844B ONSEMI-UC3844B Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
STMicroelectronics
UC3844B STMICROELECTRONICS-UC3844B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Descripción similar - UC3844BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com