Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317BTG Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza LM317BTG
Descripción Electrónicos  1.5 A Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317BTG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM317BTG Datasheet HTML 4Page - ON Semiconductor LM317BTG Datasheet HTML 5Page - ON Semiconductor LM317BTG Datasheet HTML 6Page - ON Semiconductor LM317BTG Datasheet HTML 7Page - ON Semiconductor LM317BTG Datasheet HTML 8Page - ON Semiconductor LM317BTG Datasheet HTML 9Page - ON Semiconductor LM317BTG Datasheet HTML 10Page - ON Semiconductor LM317BTG Datasheet HTML 11Page - ON Semiconductor LM317BTG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LM317, NCV317
http://onsemi.com
10
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Shipping
LM317BD2T
TJ = −40° to +125°C
D2PAK−3
50 Units / Rail
LM317BD2TG
D2PAK−3
(Pb−Free)
LM317BD2TR4
D2PAK−3
800 Tape & Reel
LM317BD2TR4G
D2PAK−3
(Pb−Free)
LM317BT
TO−220
50 Units / Rail
LM317BTG
TO−220
(Pb−Free)
LM317D2T
TJ = 0° to +125°C
D2PAK−3
50 Units / Rail
LM317D2TG
D2PAK−3
(Pb−Free)
50 Units / Rail
LM317D2TR4
D2PAK−3
800 Tape & Reel
LM317D2TR4G
D2PAK−3
(Pb−Free)
800 Tape & Reel
LM317T
TO−220
50 Units / Rail
LM317TG
TO−220
(Pb−Free)
NCV317BD2T*
TJ = −55° to +150°C
D2PAK−3
50 Units / Rail
NCV317BD2TG*
D2PAK−3
(Pb−Free)
50 Units / Rail
NCV317BD2TR4*
D2PAK−3
800 Tape & Reel
NCV317BD2TR4G*
D2PAK−3
(Pb−Free)
800 Tape & Reel
NCV317BT*
TO−220
50 Units / Rail
NCV317BTG*
TO−220
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Devices are qualified for automotive use.
TO−220
T SUFFIX
CASE 221A
MARKING DIAGRAMS
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
LM
317T
AWLYWWG
NC
V317BT
AWLYWWG
D2PAK−3
D2T SUFFIX
CASE 936
LM
317BD2T
AWLYWWG
LM
317D2T
AWLYWWG
NC
V317BD2T
AWLYWWG
1
2
3
1
LM
317BT
AWLYWWG
23
12 3
12 3
1
2
3
1
2
3


Número de pieza similar - LM317BTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM317BTG ONSEMI-LM317BTG Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM317BTG ONSEMI-LM317BTG Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317BTG ONSEMI-LM317BTG Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
More results

Descripción similar - LM317BTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com