Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP47C201 Datasheet(PDF) 11 Page - Toshiba Semiconductor

No. de pieza TMP47C201
Descripción Electrónicos  CMOS 4-bit Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C201 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP47C201 Datasheet HTML 7Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 8Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 9Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 10Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 11Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 12Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 13Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 14Page - Toshiba Semiconductor TMP47C201 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TOSHIBA CORPORATION
11/32
TMP47C101/201
(2)
Zero detect information (Z)
This information is “1” when the operation result or the
data to be transferred to the accumulator/data mem-
ory is “0000B”.
Figure 2-11. ALU
Example:
The carry information and zero detect
information for 4-bit additions and subtrac-
tions.
Operation
Result
C
Z
4 + 2 =
6
0
0
7 + 9 =
0
1
1
9 + 9 =
2
1
0
Operation
Result
C
Z
8 - 1 =
7
1
0
2 - 2 =
0
1
1
5 - 8 =
3 (1101B)0
0
2.5.2 Accumulator (Acc)
The accumulator is a 4-bit register used to hold source data or
results of the operations and data manipulations.
Figure 2-12. Accumulator
Figure 2-13. Flags
2.6 Flags
There is a carry flag (CF), a zero flag (ZF), a status flag (SF), and
a general flag (GF), each consisting of 1 bit. These flags are set
or cleared according to the condition specified by an instruc-
tion. When an interrupt is accepted, the flags are saved on the
stack along with the program counter. When the [RETI]
instruction is executed, the flags are restored from the stack to
the states set before interrupt acceptance.
(1)
Carry flag (CF)
The carry flag holds the carry information received from
the ALU at the execution of an addition/subtraction
with carry instruction, a compare instruction, or a
rotate instruction. With a carry flag test instruction, the
CF holds the value specified by it.
ΠAddition/subtraction with carry instructions [ADDC A,
@HL], [SUBRC A, @HL]
The CF becomes the input (Cin) to the ALU to hold the
carry information.
 Compare instructions [CMPR A, @HL], [CMPR A, #k]
The CF holds the carry information (non-borrow).
Ž Rotate instructions [ROLC A], [RORC A]
The CF is shifted into the accumulator to hold the car-
ry information (the data shifted out from the accumu-
lator).
 Carry flag test instructions [TESTP CF], [TEST CF]
With [TESTP CF] instruction, the content of the CF is
transferred to the SF then the CF is set to “1”.
With [TEST CF] instruction, the value obtained by in-
verting the content of the CF is transferred to the SF
then the CF is cleared to “0”.
(2)
Zero flag (ZF)
The zero flag holds the zero detect information (Z)
received from the ALU at the execution of an opera-
tional instruction, a rotate instruction, an input instruc-
tion, or a transfer-to-accumulator instruction.
(3)
Status flag (SF)
The status flag provides the branch condition for a
branch instruction. Branch is performed when this flag
is set to “1”. Normally the SF is set to “1”, so that any
branch instruction can be regarded as an uncondi-
tional branch instruction. When a branch instruction is
executed upon set or clear of the SF according to the
condition specified by an instruction, this instruction
becomes a conditional branch instruction. During
reset, the SF is initialized to “1”, other flags are not
affected.


Número de pieza similar - TMP47C201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TMP47C201MG TOSHIBA-TMP47C201MG Datasheet
2Mb / 42P
   Document Change Notification
TMP47C201MG TOSHIBA-TMP47C201MG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
TMP47C201PG TOSHIBA-TMP47C201PG Datasheet
2Mb / 42P
   Document Change Notification
TMP47C201PG TOSHIBA-TMP47C201PG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
More results

Descripción similar - TMP47C201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TMP42C40 TOSHIBA-TMP42C40 Datasheet
945Kb / 23P
   CMOS 4-BIT MICROCONTROLLER
TMP42C50N TOSHIBA-TMP42C50N Datasheet
259Kb / 13P
   CMOS 4-BIT MICROCONTROLLER
TMP47C1237 TOSHIBA-TMP47C1237 Datasheet
275Kb / 10P
   CMOS 4-BIT MICROCONTROLLER
TMP47C1238 TOSHIBA-TMP47C1238 Datasheet
941Kb / 30P
   CMOS 4-BIT MICROCONTROLLER
TMP47C200AN TOSHIBA-TMP47C200AN Datasheet
107Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C210AN TOSHIBA-TMP47C210AN Datasheet
279Kb / 12P
   CMOS 4-BIT MICROCONTROLLER
TMP47C220AF TOSHIBA-TMP47C220AF Datasheet
76Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C232AN TOSHIBA-TMP47C232AN Datasheet
106Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C26N TOSHIBA-TMP47C26N Datasheet
104Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C452AN TOSHIBA-TMP47C452AN Datasheet
473Kb / 20P
   CMOS 4-BIT MICROCONTROLLER
TMP47C620 TOSHIBA-TMP47C620 Datasheet
595Kb / 24P
   CMOS 4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com