Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-EL55-PG4DD Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-EL55-PG4DD
Descripción Electrónicos  T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL55-PG4DD Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-EL55-PG4DD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EL55-PG4DD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EL55-PG4DD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EL55-PG4DD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL55-PG4DD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL55-PG4DD Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Dimensions
2.35 (0.093)
MAX.
5.80
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
8.71
± 0.20
(0.343
± 0.008
1.14
± 0.20
(0.045
± 0.008)
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. LEADS ARE MILD STEEL, SOLDER DIPPED.
3. TAPERS SHOWN AT TOP OF LEADS (BOTTOM OF LAMP PACKAGE) INDICATE AN
EPOXY MENISCUS THAT MAY EXTEND ABOUT 1 mm (0.040 in.) DOWN THE LEADS.
4. RECOMMENDED PC BOARD HOLE DIAMETERS:
LAMP PACKAGE WITHOUT STAND-OFFS: FLUSH MOUNTING AT BASE OF
LAMP PACKAGE = 1.143/1.067 (0.044/0.042).


Número de pieza similar - HLMP-EL55-PG4DD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-EL55-P1000 BOARDCOM-HLMP-EL55-P1000 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EL55-P10DD BOARDCOM-HLMP-EL55-P10DD Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EL55-P2000 BOARDCOM-HLMP-EL55-P2000 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EL55-P20DD BOARDCOM-HLMP-EL55-P20DD Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EL55-P4000 BOARDCOM-HLMP-EL55-P4000 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results

Descripción similar - HLMP-EL55-PG4DD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com