Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES5108S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza ES5108S
Descripción Electrónicos  ADC with serial output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

ES5108S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ES5108S Datasheet HTML 5Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 6Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 7Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 8Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 9Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 10Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 11Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 12Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
2
Reference Voltage
For a 1000 counts reading, the input signal must be equal to the reference voltage. As a result, it requires the input signal
be twice the reference voltage for a 2000 counts full-scale reading. Thus, for the 200.0mV and 2.000V full-scale, the
reference voltage should equal 100.0mV and 1.000V, In some applications the full-scale input voltage my be other than
200mV or 2V, but 600mV. For example, the reference voltage should be set to 300mV and the input signal can be used
directly without being divided.
The differential reference can be used during the measurement of resistor by the ratiometric method and when a digital
reading of zero is desired for
0. A compensating offset voltage can be applied between COMMON and VIN- and
the voltage of being measured is connected between COMMON and VIN+.
3
System Timing
The oscillator frequency is divided by four prior to clocking the internal decade counters. The signal integrate takes a
fixed 1000 counts time period which is equal to 4000 clock Pulses. The backplane drive signal is derived from dividing
clock frequency by 240. To make a maximum rejection of line frequency(60Hz or 50Hz)noise pickup, the signal integrate
period should be a multiple of the line frequency period. For 60Hz-noise rejection, oscillator frequencies of 120KHz,
80KHz, 60KHz, 48KHz, 40KHz, etc. should be selected. For 50Hz rejection, oscillator frequencies of 100KHz, 50KHz,
40KHz, etc. would be suitable.
For all ranges of frequency
should be 100K
,
is selected from the approximate equation f 0.45/RC. For
48KHz clock (3reading/second),
=100PF.
4
Integrating Resistor
The input buffer amplifier and integrator both have class A output stage with 100 A of quiescent current and can supply
20 A drive currents with negligible linearity errors. The integrating resistor should be chosen to remain in the output
stage linear drive region. It should be noticed that the integrating resistor should not be so large such that the leakage
currents of printed circuit board will induce errors. For a 200mV full-scale the recommended integrating resistor value is
47K
and for 2V full-scale is 470K .
5
Integrating Capacitor
The integrating capacitor should be selected to maximize integrator output voltage swing without causing output satura-
tion. If the analog COMMON is used as voltage reference, a 2V full-scale integrator output swing is satisfactory. For
3 readings/second (48KHz clock) a 0.22 F value of
is suggested. When different oscillator frequencies are used,
must be changed in inverse proportion to maintain the nominal
2V integrator swing.
The integrating capacitor should have low dielectric absorption to minimize roll-over error. An inexpensive polypropy-
lene capacitor will work well.
6
Auto-Zero Capacitor
The auto-zero capacitor size has some influence on system noise. A 0.47 F capacitor is recommended for 200mV full
scale where noise is very important. A 0.047 F capacitor is adequate for 2V full-scale applications. A mylar type
dielectric capacitor is adequate.
7
Reference Voltage Capacitor
When VIN- is tied to analog COMMON, a 0.1 F capacitor adequate to be the reference capacitor. If a large common-mod
voltage exists and the application requires a 200mV full scale, a larger value is required to prevent roll-over error. A 1.0 F
capacitor will hold the roll-over error to 0.5 count.
9
July 4, 2002


Número de pieza similar - ES5108S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108 Datasheet
521Kb / 18P
   ADC with serial output
ES5108CE CYRUSTEK-ES5108CE Datasheet
521Kb / 18P
   ADC with serial output
ES5108D CYRUSTEK-ES5108D Datasheet
521Kb / 18P
   ADC with serial output
ES5108L CYRUSTEK-ES5108L Datasheet
521Kb / 18P
   ADC with serial output
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
More results

Descripción similar - ES5108S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com