Nombre de pieza
         Descripción
PMLL4148L

 High-speed switching diodes ( 11 Page)


PHILIPS
100% 
Zoom Out Zoom In
 
 3 page
background image
9397 750 14606
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 4 April 2005
3 of 11
Philips Semiconductors
PMLL4148L; PMLL4448
High-speed switching diodes
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Tj = 25 °C prior to surge
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
When switched from IF = 10 mA to IR = 60 mA; RL = 100 Ω; measured at IR = 1 mA
[2]
When switched from IF = 50 mA; tr = 20 ns
Tj
junction temperature
-
200
°C
Tamb
ambient temperature
−65
+200
°C
Tstg
storage temperature
−65
+200
°C
Table 6:
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
-
350
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
300
K/W
Table 8:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 100 mA
-
-
1000
mV
PMLL4148L
IF = 10 mA
-
-
1000
mV
PMLL4448
IF = 5 mA
620
-
720
mV
IR
reverse current
VR = 20 V
-
-
25
nA
VR = 20 V; Tj = 150 °C
--50
µA
PMLL4448
VR = 20 V; Tj = 100 °C
--3
µA
Cd
diode
capacitance
VR = 0 V; f = 1 MHz
-
-
4
pF
trr
reverse recovery
time
[1] --4
ns
VFR
forward recovery
voltage
-
2.5
V
1  2  3  4  5  6  7  8  9  10  11 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BAS40WSilicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1 2 3 4 Siemens Semiconductor Group
BAS70-Silicon Schottky Diodes General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1 2 3 4 5 Siemens Semiconductor Group
BAS70HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching 1 2 3 4 Siemens Semiconductor Group
BAS70WSilicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1 2 3 4 Siemens Semiconductor Group
BAT68-07WSilicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1 2 3 4 5 Siemens Semiconductor Group
BAV99SSilicon Switching Diode Array For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package 1 2 3 4 Siemens Semiconductor Group
BXY43ASilicon PIN Diodes High-speed switching Phase shifting up to 10 GHz Power splitter 1 2 Siemens Semiconductor Group
BAW100Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1 2 3 4 Siemens Semiconductor Group
BAS140WSilicon Schottky Diode General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1 2 3 4 Siemens Semiconductor Group
BAS16SSilicon Switching Diode Array For high-speed switching applications Internal galvanic isolated Diodes in one package 1 2 3 4 Siemens Semiconductor Group

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl