Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9176DH-T1 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza SI9176DH-T1
Descripción Electrónicos  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9176DH-T1 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI9176DH-T1 Datasheet HTML 3Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 4Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 5Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 6Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 7Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 8Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 9Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 10Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Si9176
Vishay Siliconix
New Product
Document Number: 71753
S-21825—Rev. A, 07-Oct-02
www.vishay.com
7
APPLICATIONS CIRCUIT
PWM/PSM/AUTO
ENABLE
BATT
LX
VIN
SD
MODE
PGND
FB
AGND
VOUT
Si9176
2.2 mH
COUT
4.7 mF
CIN
10 mF
VDD
R2
R1
C2
C1
CIN =10 mF, Ceramic, Murata GRM42-2X5R106K16
C1,C2 =0.01 mF, Vishay VJ0603Y 104KXXAT
COUT =4.7 mF, Ceramic, Murata GRM42-6X5R475K16
R1 =8.2 kΩ, Vishay CRCW06031132F
R2 =20 kΩ, Vishay CRCW06032002F
L =2.2 mH, Toko A914BYW-2R2M
REF
REF
AGND
TYPICAL CHARACTERISTICS
Figure 1.
PWM Mode VOUT Settling
ten
VSDH
SD
VOUT
tr
tf
Undefined
(Load Dependent)
Time
VSDL
d
Indicates VOUT settles to ±2% of the final value.


Número de pieza similar - SI9176DH-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9176DH-T1 VISHAY-SI9176DH-T1 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
More results

Descripción similar - SI9176DH-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com