Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI91822DH-12-T1 Datasheet(PDF) 9 Page - Vishay Siliconix

No. de pieza SI91822DH-12-T1
Descripción Electrónicos  Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91822DH-12-T1 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI91822DH-12-T1 Datasheet HTML 2Page - Vishay Siliconix SI91822DH-12-T1 Datasheet HTML 3Page - Vishay Siliconix SI91822DH-12-T1 Datasheet HTML 4Page - Vishay Siliconix SI91822DH-12-T1 Datasheet HTML 5Page - Vishay Siliconix SI91822DH-12-T1 Datasheet HTML 6Page - Vishay Siliconix SI91822DH-12-T1 Datasheet HTML 7Page - Vishay Siliconix SI91822DH-12-T1 Datasheet HTML 8Page - Vishay Siliconix SI91822DH-12-T1 Datasheet HTML 9Page - Vishay Siliconix SI91822DH-12-T1 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Si91822
Vishay Siliconix
New Product
Document Number: 71671
S-04932—Rev. A, 15-Oct-01
www.vishay.com
9
BLOCK DIAGRAMS
+
CIN
2.2
mF
VIN
4
6
SD
8
ON
OFF
3
GND
RFB2
RFB1
SENSE
+
+
1.215 V
VREF
1CNOISE
+
+
2
mA
To VIN
5
COUT
2.2
mF
2
7
CDELAY
0.1
mF
REXT
VOUT
ERROR
FIGURE 5. 300-mA CMOS LDO Regulator (Fixed Output)
6 M
W
+
CIN
2.2
mF
VIN
4
6
SD
8
ON
OFF
3
GND
ADJ
+
60 mV
+
1.215 V
VREF
1CNOISE
+
+
2
mA
To VIN
5
COUT
2.2
mF
2
7
CDELAY
0.1
mF
REXT
VOUT
ERROR
FIGURE 6. 300-mA CMOS LDO Regulator (Adjustable Output)
6 M
W
R2
R1
VADJ
60 mV
Switches shown for device in normal operating mode (SD = HIGH)


Número de pieza similar - SI91822DH-12-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DB VISHAY-SI91821DB Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1 VISHAY-SI91821DH-18-T1 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1-E3 VISHAY-SI91821DH-18-T1-E3 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
More results

Descripción similar - SI91822DH-12-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com