Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCHR32245AZKER Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza 74LVCHR32245AZKER
Descripción Electrónicos  32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74LVCHR32245AZKER Datasheet(HTML) 2 Page - Texas Instruments

  74LVCHR32245AZKER Datasheet HTML 1Page - Texas Instruments 74LVCHR32245AZKER Datasheet HTML 2Page - Texas Instruments 74LVCHR32245AZKER Datasheet HTML 3Page - Texas Instruments 74LVCHR32245AZKER Datasheet HTML 4Page - Texas Instruments 74LVCHR32245AZKER Datasheet HTML 5Page - Texas Instruments 74LVCHR32245AZKER Datasheet HTML 6Page - Texas Instruments 74LVCHR32245AZKER Datasheet HTML 7Page - Texas Instruments 74LVCHR32245AZKER Datasheet HTML 8Page - Texas Instruments 74LVCHR32245AZKER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
GKE OR ZKE PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
P
N
M
L
K
T
R
SN74LVCHR32245A
32-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES601 – AUGUST 2004 – REVISED SEPTEMBER 2005
TERMINAL ASSIGNMENTS
1
2
3
4
5
6
A
1B2
1B1
1DIR
1OE
1A1
1A2
B
1B4
1B3
GND
GND
1A3
1A4
C
1B6
1B5
VCC
VCC
1A5
1A6
D
1B8
1B7
GND
GND
1A7
1A8
E
2B2
2B1
GND
GND
2A1
2A2
F
2B4
2B3
VCC
VCC
2A3
2A4
G
2B6
2B5
GND
GND
2A5
2A6
H
2B7
2B8
2DIR
2OE
2A8
2A7
J
3B2
3B1
3DIR
3OE
3A1
3A2
K
3B4
3B3
GND
GND
3A3
3A4
L
3B6
3B5
VCC
VCC
3A5
3A6
M
3B8
3B7
GND
GND
3A7
3A8
N
4B2
4B1
GND
GND
4A1
4A2
P
4B4
4B3
VCC
VCC
4A3
4A4
R
4B6
4B5
GND
GND
4A5
4A6
T
4B7
4B8
4DIR
4OE
4A8
4A7
2


Número de pieza similar - 74LVCHR32245AZKER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVCHR162245ADLG4 TI1-74LVCHR162245ADLG4 Datasheet
1,022Kb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
logo
Integrated Device Techn...
74LVCHR162245APAG IDT-74LVCHR162245APAG Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCHR162245APAG8 IDT-74LVCHR162245APAG8 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Texas Instruments
74LVCHR16245AGRDR TI1-74LVCHR16245AGRDR Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
74LVCHR16245AGRG4 TI1-74LVCHR16245AGRG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
More results

Descripción similar - 74LVCHR32245AZKER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVCZ32245A TI-SN74LVCZ32245A Datasheet
295Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC32245 TI-SN74LVC32245 Datasheet
264Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32245 TI-SN74ALVCH32245 Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH32245A TI-SN74LVCH32245A Datasheet
132Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH32245ZKER TI1-74ALVCH32245ZKER Datasheet
770Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR32245A TI-SN74LVCR32245A Datasheet
276Kb / 10P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC32245 TI-SN74AUC32245 Datasheet
389Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245 Datasheet
126Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com