Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2114APWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2114APWR
Descripción Electrónicos  AUTOSWITCHING POWER MUX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2114APWR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2114APWR Datasheet HTML 1Page - Texas Instruments TPS2114APWR Datasheet HTML 2Page - Texas Instruments TPS2114APWR Datasheet HTML 3Page - Texas Instruments TPS2114APWR Datasheet HTML 4Page - Texas Instruments TPS2114APWR Datasheet HTML 5Page - Texas Instruments TPS2114APWR Datasheet HTML 6Page - Texas Instruments TPS2114APWR Datasheet HTML 7Page - Texas Instruments TPS2114APWR Datasheet HTML 8Page - Texas Instruments TPS2114APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS2114A
TPS2115A
SBVS044A − MARCH 2004 − REVISED MAY 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
FEATURE
TPS2110A
TPS2111A
TPS2112A
TPS2113A
TPS2114A
TPS2115A
Current Limit Adjustment Range
0.31−0.75A
0.63−1.25A
0.31−0.75A
0.63−1.25A
0.31−0.75A
0.63−1.25A
Switching Modes
Manual
Yes
Yes
No
No
Yes
Yes
Switching Modes
Automatic
Yes
Yes
Yes
Yes
Yes
Yes
Switch Status Output
No
No
Yes
Yes
Yes
Yes
Package
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
ORDERING INFORMATION
TA
PACKAGE
ORDERING NUMBER(1)
MARKINGS
−40
°C to 85°C
TSSOP-8 (PW)
TPS2114APW
2114A
−40
°C to 85°C
TSSOP-8 (PW)
TPS2115APW
2115A
(1) The PW package is available taped and reeled. Add an R suffix to the device type (e.g., TPS2114APWR) to indicate tape and reel.
PACKAGE DISSIPATION RATINGS
PACKAGE
DERATING FACTOR ABOVE
TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TSSOP-8 (PW)
3.9 mW/
°C
387 mW
213 mW
155 mW
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS2114A, TPS2115A
Input voltage range at pins IN1, IN2, D0, D1, ILIM(2)
−0.3 V to 6 V
Output voltage range, VO(OUT), VO(STAT)(2)
−0.3 V to 6 V
Output sink current, IO(STAT)
5 mA
Continuous output current, IO
TPS2114A
0.9 A
Continuous output current, IO
TPS2115A
1.5 A
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
−40
°C to 125°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are with respect to GND.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Input voltage at IN1, VI(IN1)
VI(IN2) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN1, VI(IN1)
VI(IN2) < 2.8 V
2.8
5.5
V
Input voltage at IN2, VI(IN2)
VI(IN1) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN2, VI(IN2)
VI(IN1) < 2.8 V
2.8
5.5
V
Input voltage, VI(DO), VI(D1)
0
5.5
V
Current limit adjustment range, IO(OUT)
TPS2114A
0.31
0.75
A
Current limit adjustment range, IO(OUT)
TPS2115A
0.63
1.25
A
Operating virtual junction temperature, TJ
−40
125
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model
2
kV
CDM
500
V


Número de pieza similar - TPS2114APWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2114APWR TI1-TPS2114APWR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2114APWRG4 TI1-TPS2114APWRG4 Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Descripción similar - TPS2114APWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com