Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79Q4457JC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza AM79Q4457JC
Descripción Electrónicos  Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q4457JC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM79Q4457JC Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79Q4457JC Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79Q4457JC Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79Q4457JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79Q4457JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79Q4457JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q4457JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q4457JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q4457JC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Publication# 20031
Rev: D Amendment: /0
Issue Date: January 2000
Although the name and logo have changed, the data contained herein
remains the same as the most recent AMD revision of this document.
DISTINCTIVE CHARACTERISTICS
n Performs the function of four Codec/Filters
n A-law or µ-law coding
n Single PCM port
— Up to 4.096 MHz operation (64 channels)
n Hardware programmable (via external
components)
— Transhybrid balance impedance
— Transmit and receive gains
n Additional Am79Q4457 device capabilities
(per channel, set external)
— Three selectable transmit gains
— Three selectable receive gains
— Two selectable balance networks
— Simple serial control interface
n Separate PCM and Master clocks
n 1.536 MHz, 1.544 MHz, 2.048 MHz, or 4.096 MHz
master clock options
— Internal timing automatically adjusted based on
MCLK and frame sync signal
n Low power 5.0 V CMOS technology
n 5.0 V only operation
GENERAL DESCRIPTION
The Am79Q4457/5457 Quad Subscriber Line Audio
Processing Circuit-Non-Programmable (QSLAC-NP)
device integrates the key functions of analog linecards
into a high-performance, four-channel Codec/Filter
device. The QSLAC-NP devices are based on the
proven design of the reliable Am79C02/03/031(A)
Dual Sub scr ibe r Li ne Aud io-Processing Ci rcu it
(DSLAC) devices, and the Am79C202 Advanced
Subscriber Line Audio-Processing Circuit (ASLAC)
device. The advanced architecture of the QSLAC-NP
devices implements four independent channels in a
single integrated circuit, providing a cost-effective
solution for the audio-processing function of Plain Old
Telephone Service (POTS) linecards.
The Am79Q4457/5457 QSLAC-NP device provides
four industry-standard Codec/Filter devices in a single
integrated circuit. The Am 79Q4457/5457 device
provides a transmit and receive frame synchronization
input per channel. A-law or µ-law compression is
selected via a device pin.
In addition, the Am79Q4457 device provides the ability
to select one of three independent gain settings (both
transmit and receive) and one of two balance networks
on a per-channel basis. The transmit and receive gain
leve ls ar e set once fo r th e devi ce via exte r na l
components. Gain level selection and the balance
network selection is achieved through an integrated
serial shift register and latch per channel.
The Am 79Q5457 device provides four industr y-
standard Codec/Filter devices in a 32-pin PLCC or 44-
pin TQFP package. The Am79Q4457 device provides
four industr y-standard Codec/Filter devices and
selectable gain and balance functions in a 44-pin PLCC
or 44-pin TQFP package.
Advanced submicron CMOS technology enables the
Am79Q4457/5457 QSLAC-NP device to have both
the functionality and the low power consumption
required in linecard designs, maximizing linecard
density at a minimum cost. When used with four
Legerity SLICs, a QSLAC-NP device provides a
complete solution to the BORSCHT function of a
POTS linecard.
Am79Q4457/5457
Quad Subscriber Line Audio Processing Circuit-
Non-Programmable (QSLAC-NP) Devices


Número de pieza similar - AM79Q4457JC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021 ETC1-AM79Q021 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021JC ETC1-AM79Q021JC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021VC ETC1-AM79Q021VC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q02JC ETC1-AM79Q02JC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
More results

Descripción similar - AM79Q4457JC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
   Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com