Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC55VZM216A Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC55VZM216A
Descripción Electrónicos  262,144-WORD BY 16-BIT CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VZM216A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC55VZM216A Datasheet HTML 1Page - Toshiba Semiconductor TC55VZM216A Datasheet HTML 2Page - Toshiba Semiconductor TC55VZM216A Datasheet HTML 3Page - Toshiba Semiconductor TC55VZM216A Datasheet HTML 4Page - Toshiba Semiconductor TC55VZM216A Datasheet HTML 5Page - Toshiba Semiconductor TC55VZM216A Datasheet HTML 6Page - Toshiba Semiconductor TC55VZM216A Datasheet HTML 7Page - Toshiba Semiconductor TC55VZM216A Datasheet HTML 8Page - Toshiba Semiconductor TC55VZM216A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TC55VZM216AJJN/AFTN08,10,12
2003-01-17
3/11
DC RECOMMENDED OPERATING CONDITIONS (Ta
==== 0° to 70°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage
2.0
VDD + 0.3**
V
VIL
Input Low Voltage
−0.3*
0.8
V
*:
−1.0 V with a pulse width of 20% of tRC min (4 ns max)
**: VDD + 1.0 V with a pulse width of 20% of tRC min (4 ns max)
DC CHARACTERISTICS (Ta
==== 0° to 70°C, VDD ==== 3.3 V ±±±± 0.3 V)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage Current
(Except NU pin)
VIN = 0 to VDD
−1
1
µA
ILO
Output Leakage
Current
CE
= VIH or WE = VIL or OE = VIH,
VOUT = 0 to VDD
−1
1
µA
II (NU)
Input Leakage Current
(NU pin)
VIN = 0 V
−1
1
µA
IOH = −2 mA
2.4
VOH
Output High Voltage
IOH = −100 µA
VDD − 0.2
IOL = 2 mA
0.4
VOL
Output Low Voltage
IOL = 100 µA
0.2
V
tcycle = 8 ns
170
tcycle = 10 ns
160
IDDO1
CE
= VIL, IOUT = 0 mA,
OE
= VIH,
Other Input
= VIH/VIL
tcycle = 12 ns
150
tcycle = 8 ns
140
tcycle = 10 ns
130
IDDO2
Operating Current
CE
= 0.2 V, IOUT = 0 mA,
OE
= VDD − 0.2 V,
Other Input
= VDD − 0.2 V/0.2 V
tcycle = 12 ns
120
mA
IDDS1
CE
= VIH, Other Input = VIH or VIL
55
IDDS2
Standby Current
CE
= VDD − 0.2 V, Other Input = VDD − 0.2 V or 0.2 V
4
mA
CAPACITANCE (Ta
==== 25°C, f ==== 1 .0 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
6
pF
CI/O
Input/Output Capacitance
VI/O = GND
8
pF
Note:
This parameter is periodically sampled and is not 100% tested.


Número de pieza similar - TC55VZM216A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V040AFT-70 TOSHIBA-TC55V040AFT-70 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10 TOSHIBA-TC55V1001AF-10 Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10L TOSHIBA-TC55V1001AF-10L Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
More results

Descripción similar - TC55VZM216A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC554161FTI TOSHIBA-TC554161FTI Datasheet
418Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V01 Datasheet
439Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
1997-06-12
TC554161FTL-70L TOSHIBA-TC554161FTL-70L Datasheet
420Kb / 9P
   262,144-WORD BY 16 BIT STATIC RAM
TC554161AFT-70 TOSHIBA-TC554161AFT-70 Datasheet
150Kb / 10P
   262,144-WORD BY 16-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL Datasheet
478Kb / 11P
   262,144-WORD BY 16-BIT STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5255DP-45LL MITSUBISHI-M5M5255DP-45LL Datasheet
64Kb / 7P
   262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V02 Datasheet
436Kb / 8P
   262,144 WORD x 16 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com