Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC55VZM216AJJN-12 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC55VZM216AJJN-12
Descripción Electrónicos  262,144-WORD BY 16-BIT CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VZM216AJJN-12 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC55VZM216AJJN-12 Datasheet HTML 1Page - Toshiba Semiconductor TC55VZM216AJJN-12 Datasheet HTML 2Page - Toshiba Semiconductor TC55VZM216AJJN-12 Datasheet HTML 3Page - Toshiba Semiconductor TC55VZM216AJJN-12 Datasheet HTML 4Page - Toshiba Semiconductor TC55VZM216AJJN-12 Datasheet HTML 5Page - Toshiba Semiconductor TC55VZM216AJJN-12 Datasheet HTML 6Page - Toshiba Semiconductor TC55VZM216AJJN-12 Datasheet HTML 7Page - Toshiba Semiconductor TC55VZM216AJJN-12 Datasheet HTML 8Page - Toshiba Semiconductor TC55VZM216AJJN-12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC55VZM216AJJN/AFTN08,10,12
2003-01-17
1/11
• Single power supply voltage of 3.3 V ± 0.3 V
• Fully static operation
• All inputs and outputs are LVTTL compatible
• Output buffer control using OE
• Data byte control using LB (I/O1 to I/O8) and
UB (I/O9 to I/O16)
• Package:
SOJ44-P-400-1.27 (AJJN)
(Weight: 1.64 g typ)
TSOP II44-P-400-0.80 (AFTN) (Weight: 0.45 g typ)
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
262,144-WORD BY 16-BIT CMOS STATIC RAM
DESCRIPTION
The TC55VZM216AJJN/AFTN is a 4,194,304-bit high-speed static random access memory (SRAM) organized as
262,144 words by 16 bits. Fabricated using CMOS technology and advanced circuit techniques to provide high
speed, it operates from a single 3.3 V power supply. Chip enable ( CE ) can be used to place the device in a
low-power mode, and output enable ( OE ) provides fast memory access. Data byte control signals ( LB , UB ) provide
lower and upper byte access. This device is well suited to cache memory applications where high-speed access and
high-speed storage
are
required.
All
inputs
and outputs
are
directly LVTTL compatible.
The
TC55VZM216AJJN/AFTN is available in plastic 44-pin SOJ and TSOP with 400mil width for high density surface
assembly.
FEATURES
• Fast access time (the following are maximum values)
TC55VZM216AJJN/AFTN08:8 ns
TC55VZM216AJJN/AFTN10:10 ns
TC55VZM216AJJN/AFTN12:12 ns
• Low-power dissipation (IDDO2)
(the following are maximum values)
Cycle Time
8
10
12
ns
Operation (max)
140
130
120
mA
Standby:4 mA (both devices)
PIN ASSIGNMENT (TOP VIEW)
PIN NAMES
44 PIN SOJ
44 PIN TSOP
A0 to A17
Address Inputs
I/O1 to I/O16
Data Inputs/Outputs
CE
Chip Enable Input
WE
Write Enable Input
OE
Output Enable Input
LB
, UB
Data Byte Control Inputs
VDD
Power (
+3.3 V)
GND
Ground
NU
Not Usable (Input)
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
VDD
GND
I/O5
I/O6
I/O7
I/O8
A15
A14
A13
A12
A16
A5
A6
A7
I/O16
I/O15
I/O14
I/O13
GND
VDD
I/O12
I/O11
I/O10
I/O9
NU
A8
A9
A10
A11
A17
1
44
2
43
3
42
4
41
5
40
6
39
7
38
8
37
9
36
10
35
11
34
12
33
13
32
14
31
15
30
16
29
17
28
18
27
19
26
20
25
21
24
22
23
CE
OE
UB
LB
WE
1
44
2
43
3
42
4
41
5
40
6
39
7
38
8
37
9
36
10
35
11
34
12
33
13
32
14
31
15
30
16
29
17
28
18
27
19
26
20
25
21
24
22
23
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
VDD
GND
I/O5
I/O6
I/O7
I/O8
A15
A14
A13
A12
A16
A5
A6
A7
I/O16
I/O15
I/O14
I/O13
GND
VDD
I/O12
I/O11
I/O10
I/O9
NU
A8
A9
A10
A11
A17
OE
UB
LB
CE
WE
(TC55VZM216AJJN)
(TC55VZM216AFTN)


Número de pieza similar - TC55VZM216AJJN-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V040AFT-70 TOSHIBA-TC55V040AFT-70 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10 TOSHIBA-TC55V1001AF-10 Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10L TOSHIBA-TC55V1001AF-10L Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
More results

Descripción similar - TC55VZM216AJJN-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC554161FTI TOSHIBA-TC554161FTI Datasheet
418Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V01 Datasheet
439Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
1997-06-12
TC554161FTL-70L TOSHIBA-TC554161FTL-70L Datasheet
420Kb / 9P
   262,144-WORD BY 16 BIT STATIC RAM
TC554161AFT-70 TOSHIBA-TC554161AFT-70 Datasheet
150Kb / 10P
   262,144-WORD BY 16-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL Datasheet
478Kb / 11P
   262,144-WORD BY 16-BIT STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5255DP-45LL MITSUBISHI-M5M5255DP-45LL Datasheet
64Kb / 7P
   262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V02 Datasheet
436Kb / 8P
   262,144 WORD x 16 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com