Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9137LG Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza SI9137LG
Descripción Electrónicos  Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9137LG Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI9137LG Datasheet HTML 4Page - Vishay Siliconix SI9137LG Datasheet HTML 5Page - Vishay Siliconix SI9137LG Datasheet HTML 6Page - Vishay Siliconix SI9137LG Datasheet HTML 7Page - Vishay Siliconix SI9137LG Datasheet HTML 8Page - Vishay Siliconix SI9137LG Datasheet HTML 9Page - Vishay Siliconix SI9137LG Datasheet HTML 10Page - Vishay Siliconix SI9137LG Datasheet HTML 11Page - Vishay Siliconix SI9137LG Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Si9137
Vishay Siliconix
www.vishay.com
8
Document Number: 70874
S-20642—Rev. B, 13-May-02
STANDARD APPLICATION CIRCUIT
V
FLYBACK +
R
5 ) R6
R
6
V
REF
BSTFY
DHFY
LXFY
DLFY
CSP
CSN
FBFY
DL5
LX5
DH5
BST5
VL
COMP
PGND
FB5
CS5
VIN
BST3
DH3
LX3
DL3
CS3
FB3
RESET
REF
GND
RUN/STOP
SEQ
VIN
C7
33
mF
C1
0.1
mF
Q1
Si4416DY
C6
330
mF
+3.3 VOUT
L2
10
mH
Q3
Si4812DY
R1
0.02
W
C11
1
mF
+3.3 V up
to 1 mA
CMPD2836
D1A
D1B
C2
0.1
mF
D3
CMPD2836
C8
0.1
mF
Q2
Si4416DY
Q4
Si4812DY
C4
33
mF
D2, BYS10-35
Q5
Si2304DS
L3, 10
mH
Q6
Si2304DS
R3
C10
100
mF
C9
4.7
mF
D4, BYS10-35
+5 to +12 V
L1, 10
mH
R2
0.02
W
C5
4.7
mF
+5 V up to 30 mA
C3
330
mF
+5 VOUT
FIGURE 1.
C12
120 pF
R5
R6
VFLYBACK
where:
0.2
W
GND*
PGND*
*PGND and GND planes should be connected to a single point ground.
VL
20 k
W


Número de pieza similar - SI9137LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130 VISHAY-SI9130 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG VISHAY-SI9130CG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130CG VISHAY-SI9130CG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Descripción similar - SI9137LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Texas Instruments
TPS5300 TI-TPS5300 Datasheet
323Kb / 21P
[Old version datasheet]   MOBILE CPU POWER SUPPLY CONTROLLER
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Micropac Industries
53507-002 MICROPAC-53507-002 Datasheet
180Kb / 9P
   SELECTABLE OUTPUT SOLID STATE POWER CONTROLLER
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com