Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8205YR Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8205YR
Descripción Electrónicos  Single-Supply 42 V System Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8205YR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8205YR Datasheet HTML 2Page - Analog Devices AD8205YR Datasheet HTML 3Page - Analog Devices AD8205YR Datasheet HTML 4Page - Analog Devices AD8205YR Datasheet HTML 5Page - Analog Devices AD8205YR Datasheet HTML 6Page - Analog Devices AD8205YR Datasheet HTML 7Page - Analog Devices AD8205YR Datasheet HTML 8Page - Analog Devices AD8205YR Datasheet HTML 9Page - Analog Devices AD8205YR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8205
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
500
–500
–400
–300
–200
–100
0
100
200
300
400
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
TYP. VOSI (SOIC)
TYP. VOSI (DIE)
Figure 4. Typical Offset Drift
120
0
10
20
30
40
50
60
70
80
90
100
110
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 5. CMR vs. Frequency
12000
–12000
–10000
–8000
–6000
–4000
–2000
0
2000
4000
6000
8000
10000
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
TYP. DIE
TYP. IN SOIC
Figure 6. Gain Drift
40
0
5
10
15
20
25
30
35
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 7. Typical Small Signal Bandwidth (VOUT = 200 mV p-p)
40
µs/DIV
1V/DIV
50mV/DIV
Figure 8. Rise/Fall Time
2
µs/DIV
2V/DIV
100mV/DIV
Figure 9. Differential Overload Recovery (Falling)


Número de pieza similar - AD8205YR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ-R7 AD-AD8205YRZ-R7 Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ-R7 AD-AD8205YRZ-R7 Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ-RL AD-AD8205YRZ-RL Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
More results

Descripción similar - AD8205YR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206 AD-AD8206 Datasheet
262Kb / 12P
   Single-Supply 42 V System Difference Amplifier
Rev. PrA
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com