Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8205YR-REEL7 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8205YR-REEL7
Descripción Electrónicos  Single-Supply 42 V System Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8205YR-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD8205YR-REEL7 Datasheet HTML 1Page - Analog Devices AD8205YR-REEL7 Datasheet HTML 2Page - Analog Devices AD8205YR-REEL7 Datasheet HTML 3Page - Analog Devices AD8205YR-REEL7 Datasheet HTML 4Page - Analog Devices AD8205YR-REEL7 Datasheet HTML 5Page - Analog Devices AD8205YR-REEL7 Datasheet HTML 6Page - Analog Devices AD8205YR-REEL7 Datasheet HTML 7Page - Analog Devices AD8205YR-REEL7 Datasheet HTML 8Page - Analog Devices AD8205YR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD8205
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = Operating Temperature Range, VS = 5 V, unless otherwise noted.
Table 1.
AD8205 SOIC
AD8205 DIE
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Initial
50
50
V/V
Accuracy
VO ≥ 0.1 V dc, 25°C
±1
±1
%
Accuracy Over Temperature
Specified Temperature Range
±1.2
±1.3
%
Gain vs. Temperature
±30
±30
ppm/°C
VOLTAGE OFFSET
Offset Voltage (RTI)
25°C
±2
±2.5
mV
Over Temperature (RTI)
Specified Temperature Range
±4.5
±6
mV
Offset Drift
15
15
µV/°C
INPUT
Input Impedance
Differential
400
400
kΩ
Common Mode
200
200
kΩ
Input Voltage Range
Common Mode, Continuous
−2
65
−2
65
V
Differential1
100
100
mV
Common-Mode Rejection
25°C, f = DC to 20 kHz2
78
86
78
86
dB
Operating Temperature Range,
f = DC to 20 kHz2
76
80
76
80
dB
OUTPUT
Output Voltage Range
RL = 25 kΩ
0.05
4.8
0.05
4.8
V
Output Resistance
200
200
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
50
50
kHz
Slew Rate
0.5
0.5
V/µs
NOISE
0.1 Hz to 10 Hz, RTI
20
20
µV p-p
Spectral Density, 1 kHz, RTI
0.5
0.5
µV/√Hz
OFFSET ADJUSTMENT
Ratiometric Accurancy3
Divider to Supplies
0.497
0.503
0.497
0.503
V/V
Accuracty, RTO
Voltage applied to VREF1 and VREF2
in Parallel
±2
±2
mV/V
Output Offset Adjustment Range
VS = 5 V
0.05
4.8
0.05
4.8
V
VREF Divider Resistor Values
24
32
40
24
32
40
kΩ
POWER SUPPLY
Operating Range
4.5
5.5
4.5
5.5
V
Quiescent Current Over Temperature
VO = 0.1 V dc
2
2
mA
Power Supply Rejection Ratio
70
70
dB
Temperature Range
For Specified Performance
Operating Temperature Range
−40
+125
−40°C
+150
°C
1 Input voltage range = ±50 mV with half-scale offset.
2 Source imbalance < 2 Ω.
3 The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies.


Número de pieza similar - AD8205YR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ-R7 AD-AD8205YRZ-R7 Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ-R7 AD-AD8205YRZ-R7 Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ-RL AD-AD8205YRZ-RL Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
More results

Descripción similar - AD8205YR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206 AD-AD8206 Datasheet
262Kb / 12P
   Single-Supply 42 V System Difference Amplifier
Rev. PrA
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com