Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD1985-3.5V Datasheet(PDF) 10 Page - Unisonic Technologies |
|
LD1985-3.5V Datasheet(HTML) 10 Page - Unisonic Technologies |
10 / 11 page UTCLD1985 LINEAR INTEGRATED CIRCUIT UTC UNISONIC TECHNOLOGIES CO., LTD. 10 QW-R102-021,B Load Transient Vout Vo=2.5V, Io=0 ~ 50mA, no C i, Co=10µ F, ts=tf=2ns 20.0mV 50.0mVΩ Ch2 29mV Ch3 3 ? ? T Tek Run: 5.00MS/s Average 2 Ch2 M 10.0μs Load Transient Iout Vout Vo=2.5V, Io=50mA, no C i, Co=4.7µ F, ts=tf=20ns Ch1 50.0mV 100mVΩ CH2 M 10.0μs Ch2 78mV Ch2 2 ? ? T Tek Run: 5.00MS/s Average 1 APPLICATION INFORMATION EXTERNAL CAPACITORS Like any low-dropout regulator, the UTC LD1985 requires external capacitors for regulator stability. This capacitor must be selected to meet the requirements of minimum capacitance and equivalent series resistance. We suggest to solder input and output capacitors as close as possible to the relative pins. INPUT CAPACITOR An input capacitor whose value is 1μF is required with the UTC LD1985 (amount of capacitance can be increased without limit). This capacitor must be located a distance of not more than 0.5" from the input pin of the device and returned to a clean analog ground. Any good quality ceramic, tantalum or film capacitors can be used for this capacitor. OUTPUT CAPACITOR The UTC LD1985 is designed specifically to work with ceramic output capacitors. It may also be possible to use Tantalum capacitors, but these are not as attractive for reasons of size and cost. By the way, the output capacitor must meet both the requirement for minimum amount of capacitance and E.S.R. (equivalent series resistance) value. Due to the different loop gain, the stability improves for higher output versions and so the suggested minimum output capacitor value, if low E.S.R. ceramic type is used, is 1μF for output voltages equal or major than 3.8V, 2.2μF for VO going from 1.8 ~ 3.3V, and 3.3μF for the other versions. However, if an output capacitor lower than the suggested one is used, it's possible to make stable the regulator adding a resistor in series to the capacitor. IMPORTANT: The output capacitor must maintain its ESR in the stable region over the full operating temperature to assure stability. Also, capacitor tolerance and variation with temperature must be considered to assure the minimum amount of capacitance is provided at all times. This capacitor should be located not more than 0.5" from the output pin of the device and returned to a clean analog ground. INHIBIT INPUT OPERATION The inhibit pin can be used to turn OFF the regulator when pulled low, so drastically reducing the current consumption down to less than 1μA. When the inhibit feature is not used, this pin must be tied to Vi to keep the regulator output ON at all times. To assure proper operation, the signal source used to drive the inhibit pin must be able to swing above and below the specified thresholds listed in the electrical characteristics section under VIH VIL. Any slew rate can be used to drive the inhibit. REVERSE CURRENT The power transistor used in the UTC LD1985 has not an inherent diode connected between the regulator input and output. If the output is forced above the input, no current will flow from the output to the input across the series pass transistor. When a VREV voltage is applied on the output, the reverse current measured flows to the GND across the two feedback resistors. This current typical value is 160μA. R1 and R2 resistors are implanted type; |
Número de pieza similar - LD1985-3.5V |
|
Descripción similar - LD1985-3.5V |