Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1271 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SD1271
Descripción Electrónicos  Silicon NPN epitaxial planar type(For power switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1271 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1271 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1271 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1271 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SD1271, 2SD1271A
PC —Ta
IC —VCE
VCE(sat) —IC
VCE(sat) —IC
VBE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
Cob —VCB
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2W)
(1)
(2)
(3)
(4)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
10
8
6
4
2
T
C=25˚C
I
B=55mA
50mA
40mA
45mA
20mA
30mA
35mA
10mA
15mA
5mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=20
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
3
1
0.1
0.03
0.3
0.01
0.03
0.1
0.3
1
3
10
(1) I
C/IB=10
(2) I
C/IB=20
T
C=25˚C
(1)
(2)
Collector current I
C
(A)
0.1
30
10
1
0.3
3
0.01
0.03
0.1
0.3
1
3
10
(1)
(2)
(1) I
C/IB=10
(2) I
C/IB=20
T
C=25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=20
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=10V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
0.1
1
10
100
0.3
3
30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=2V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)


Número de pieza similar - 2SD1271

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1271 PANASONIC-2SD1271 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
logo
Savantic, Inc.
2SD1271 SAVANTIC-2SD1271 Datasheet
150Kb / 5P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1271 ISC-2SD1271 Datasheet
173Kb / 5P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1271A SAVANTIC-2SD1271A Datasheet
150Kb / 5P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1271A JMNIC-2SD1271A Datasheet
38Kb / 1P
   Silicon NPN Transistors
More results

Descripción similar - 2SD1271

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1256 PANASONIC-2SD1256 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1257 PANASONIC-2SD1257 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1269 PANASONIC-2SD1269 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1745 PANASONIC-2SD1745 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD2467 PANASONIC-2SD2467 Datasheet
47Kb / 2P
   Silicon NPN epitaxial planar type(For power switching)
2SD2469 PANASONIC-2SD2469 Datasheet
59Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD2468 PANASONIC-2SD2468 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1254 PANASONIC-2SD1254 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1270 PANASONIC-2SD1270 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1268 PANASONIC-2SD1268 Datasheet
47Kb / 2P
   Silicon NPN epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com