Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1385 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SD1385
Descripción Electrónicos  Silicon NPN triple diffusion planer type(For low-frequency output amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1385 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1385 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1385 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1385
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
012
10
8
26
4
0
120
100
80
60
40
20
Ta=25˚C
0.9mA
0.7mA
0.5mA
0.3mA
0.1mA
0.8mA
0.6mA
0.4mA
0.2mA
I
B=1.0mA
Collector to emitter voltage V
CE
(V)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(mA)
0.1
1
10
100
30.
3
20
0
12
10
8
6
4
2
V
CE=5V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
Emitter current I
E
(mA)
– 1
–10
–100
–1000
– 3
–30
–300
0
60
50
40
30
20
10
V
CB=30V
Ta=25˚C
10
30
100
300
1000
0
12
10
8
6
4
2
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0
200
160
40
120
80
0
1.2
1.0
0.8
0.6
0.4
0.2
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)


Número de pieza similar - 2SD1385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SD1380 ROHM-2SD1380 Datasheet
108Kb / 1P
   2SD1380
logo
Inchange Semiconductor ...
2SD1380 ISC-2SD1380 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1380 SAVANTIC-2SD1380 Datasheet
105Kb / 3P
   Silicon NPN Power Transistors
2SD1380 SAVANTIC-2SD1380 Datasheet
106Kb / 3P
   Silicon NPN Power Transistors
logo
Rohm
2SD1381F ROHM-2SD1381F Datasheet
89Kb / 4P
   Power Transistor (80V, 1A)
More results

Descripción similar - 2SD1385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD2413 PANASONIC-2SD2413 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SC5419 PANASONIC-2SC5419 Datasheet
39Kb / 2P
   Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SB1209 PANASONIC-2SB1209 Datasheet
38Kb / 2P
   Silicon PNP triple diffusion planer type(For low-frequency amplification)
2SD2530 PANASONIC-2SD2530 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2420 PANASONIC-2SD2420 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2538 PANASONIC-2SD2538 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2220 PANASONIC-2SD2220 Datasheet
39Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For low-frequency amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com