Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1073 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADM1073
Descripción Electrónicos  Full-Feature ??8 V Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1073 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1073 Datasheet HTML 5Page - Analog Devices ADM1073 Datasheet HTML 6Page - Analog Devices ADM1073 Datasheet HTML 7Page - Analog Devices ADM1073 Datasheet HTML 8Page - Analog Devices ADM1073 Datasheet HTML 9Page - Analog Devices ADM1073 Datasheet HTML 10Page - Analog Devices ADM1073 Datasheet HTML 11Page - Analog Devices ADM1073 Datasheet HTML 12Page - Analog Devices ADM1073 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADM1073
Rev. 0 | Page 9 of 24
TEMPERATURE (°C)
85
–50
–35
–20
–51025
405570
0
10
100
70
80
90
30
40
50
60
20
Figure 9. VGATEL vs. Temperature
TEMPERATURE (°C)
85
–50
–35
–20
–51025
405570
10.0
10.5
14.0
12.5
13.0
13.5
11.0
11.5
12.0
Figure 10. VGATEH vs. Temperature
TEMPERATURE (°C)
85
–50
–35
–20
–51025
405570
0
100
90
80
70
60
50
40
30
20
10
SS = 2V
SS = 0V
Figure 11. IGATE (Source) vs. Temperature
VGATE (V)
12.0
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
0
50
30
35
40
45
15
20
25
5
10
SS = 0V
SS = 2V
Figure 12. IGATE (Source) vs. VGATE
TEMPERATURE (°C)
85
–50
–35
–20
–51025
405570
0
60
40
30
50
20
10
Figure 13. IGATE (FCL, Sink) vs. Temperature (VGATE = 2 V)
VGATE (V)
12
123456789
10
11
0
100
90
80
60
70
30
40
50
20
10
Figure 14. IGATE (FCL, Sink) vs. VGATE


Número de pieza similar - ADM1073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073 AD-ADM1073 Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL AD-ADM1073ARUZ-REEL Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
More results

Descripción similar - ADM1073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com