Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-8409 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-8409
Descripción Electrónicos  T-13/4 Super Ultra-Bright LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-8409 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-8409 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
H
T-13/4 Super Ultra-Bright
LED Lamps
Technical Data
Features
• Very High Intensity
• Narrow and Medium Viewing
Angles
• Untinted, Nondiffused Lens
• Choice of Five Colors
• Sturdy Leads with Seating
Plane Tabs
Description
These untinted, nondiffused solid
state lamps are designed with
special internal optics to give a
very high luminous intensity
within a well defined viewing
angle. The LED materials used
within these devices is specifically
grown to assure the high light
output performance these lamps
provide.
Device Selection Guide
Typical Luminous Intensity
2
θ1/2
LED Color
Part Number
(mcd @ 20 mA dc)
Viewing Angle
DH AS AlGaAs
HLMP-8115
1000
10
°
HLMP-8109
500
20
°
High Efficiency Red
HLMP-8205
350
10
°
HLMP-8209
260
20
°
Yellow
HLMP-8305
350
10
°
HLMP-8309
260
20
°
Orange
HLMP-8405
350
10
°
HLMP-8409
260
20
°
High Performance Green
HLMP-8505
400
10
°
HLMP-8509
300
20
°
Emerald Green
HLMP-8605
75
10
°
HLMP-8115
HLMP-8109
HLMP-8205
HLMP-8209
HLMP-8305
HLMP-8309
HLMP-8405
HLMP-8409
HLMP-8505
HLMP-8509
HLMP-8605


Número de pieza similar - HLMP-8409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-8100 HP-HLMP-8100 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-8102 HP-HLMP-8102 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-8103 HP-HLMP-8103 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
More results

Descripción similar - HLMP-8409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com