Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
54AC125DMQB Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
54AC125DMQB Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 8 page AC Electrical Characteristics 74AC 54AC 74AC VCC TA ea25 C TA eb55 CTA eb40 C Symbol Parameter (V) CL e 50 pF to a125 Cto a85 C Units CL e 50 pF CL e 50 pF Min Typ Max Min Max Min Max tPLH Propagation Delay 33 10 65 90 10 100 ns Data to Output 50 10 55 70 10 75 tPHL Propagation Delay 33 10 65 90 10 100 ns Data to Output 50 10 50 70 10 75 tPZH Output Enable Time 33 10 60 105 10 110 ns 50 10 50 70 10 80 tPZL Output Enable Time 33 10 75 100 10 110 ns 50 10 55 80 10 85 tPHZ Output Disable Time 33 10 75 100 10 105 ns 50 10 65 90 10 95 tPLZ Output Disable Time 33 10 75 105 10 115 ns 50 10 65 90 10 95 Voltage Range 33 is 33V g03V Voltage Range 50 is 50V g05V AC Electrical Characteristics 74ACT 74ACT VCC TA ea25 C TA eb40 C Symbol Parameter (V) CL e 50 pF to a85 C Units CL e 50 pF Min Typ Max Min Max tPLH Propagation Delay 50 10 65 90 10 100 ns Data to Output tPHL Propagation Delay 50 10 70 90 10 100 ns Data to Output tPZH Output Enable Time 50 10 60 85 10 95 ns tPZL Output Enable Time 50 10 70 95 10 105 ns tPHZ Output Disable Time 50 10 70 95 10 105 ns tPLZ Output Disable Time 50 10 75 100 10 105 ns Voltage Range 50 is 50V g05V Capacitance Symbol Parameter ACACT Units Conditions Typ CIN Input Capacitance 45 pF VCC e OPEN CPD Power Dissipation 450 pF VCC e 50V Capacitance 4 |
Número de pieza similar - 54AC125DMQB |
|
Descripción similar - 54AC125DMQB |