Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1776 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza 2SD1776
Descripción Electrónicos  Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1776 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1776 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1776 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1776 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD1776, 2SD1776A
Silicon NPN triple diffusion planar type
For power amplification with high forward current transfer ratio
s Features
q
High foward current transfer ratio hFE
q
Satisfactory linearity of foward current transfer ratio hFE
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
80
100
60
80
6
4
2
0.5
25
2
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
2SD1776
2SD1776A
2SD1776
2SD1776A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO
hFE
*
VCE(sat)
VBE(sat)
fT
Cob
ton
tstg
tf
Conditions
VCB = 80V, IE = 0
VCB = 100V, IE = 0
VCE = 40V, IB = 0
VEB = 6V, IC = 0
IC = 25mA, IB = 0
VCE = 4V, IC = 300mA
IC = 1A, IB = 25mA
IC = 1A, IB = 25mA
VCE = 12V, IC = 200mA, f = 10MHz
VCB = 10V, IE = 0, f = 1MHz
IC = 1A, IB1 = 25mA, IB2 = –25mA,
VCC = 50V
min
60
80
500
typ
40
30
0.6
2.5
1
max
100
100
100
100
1500
1
1.2
Unit
µA
µA
µA
V
V
V
MHz
pF
µs
µs
µs
2SD1776
2SD1776A
2SD1776
2SD1776A
*h
FE Rank classification
Rank
Q
P
hFE
500 to 1000 800 to 1500
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Número de pieza similar - 2SD1776

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SD1770 ISC-2SD1770 Datasheet
255Kb / 2P
   isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SD1771 PANASONIC-2SD1771 Datasheet
73Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1771A PANASONIC-2SD1771A Datasheet
73Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1772 PANASONIC-2SD1772 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type
logo
Savantic, Inc.
2SD1772 SAVANTIC-2SD1772 Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SD1776

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1753 PANASONIC-2SD1753 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1754 PANASONIC-2SD1754 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2527 PANASONIC-2SD2527 Datasheet
42Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2375 PANASONIC-2SD2375 Datasheet
43Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2544 PANASONIC-2SD2544 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1258 PANASONIC-2SD1258 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2486 PANASONIC-2SD2486 Datasheet
70Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SC5954 PANASONIC-2SC5954 Datasheet
58Kb / 2P
   Silicon NPN triple diffusion planar type For power amplification with high forward current transfer ratio
2SD2139 PANASONIC-2SD2139 Datasheet
50Kb / 3P
   Silicon NPN triple diffusion planar type(For high-current amplification ratio, power amplification)
2SD1755 PANASONIC-2SD1755 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type(For power amplification with high forward current transfer ratio)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com