Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD2067 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza 2SD2067
Descripción Electrónicos  Silicon NPN epitaxial planer type(For low-frequency output amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2067 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2067 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2067 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD2067 (Tentative)
Silicon NPN epitaxial planer type
For low-frequency output amplification
s Features
q
Darlington connection.
q
High foward current transfer ratio hFE.
q
Large peak collector current ICP.
q
High collector to emitter voltage VCEO.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
MT2 Type Package
2.5
±0.1
2.5
±0.5 2.5±0.5
6.9
±0.1
1.05
±0.05
(1.45)
4.0
0.7
0.8
0.65 max.
0.45
+0.1
–0.05
3
2
1
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
120
100
5
3
2
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Symbol
ICBO
IEBO
VCBO
VCEO
VEBO
hFE
*1
VCE(sat)
VBE(sat)
Conditions
VCB = 25V, IE = 0
VEB = 4V, IC = 0
IC = 100µA, IE = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 10V, IC = 1A
*2
IC = 1A, IB = 1mA
*2
IC = 1A, IB = 1mA
*2
min
120
100
5
4000
typ
max
0.1
1
40000
1.5
2
Unit
µA
µA
V
V
V
V
V
*1h
FE Rank classification
Rank
Q
R
S
hFE
4000 ~ 10000 8000 ~ 20000 16000 ~ 40000
1.2
±0.1
0.65
max.
0.45 0.1
0.05
+
Note: In addition to the
lead type shown in
the upper figure, the
type as shown in
the lower figure is
also available.
(HW type)
*2 Pulse measurement
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
Internal Connection
B
C
E
≈200Ω


Número de pieza similar - 2SD2067

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Savantic, Inc.
2SD2060 SAVANTIC-2SD2060 Datasheet
249Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2060 JMNIC-2SD2060 Datasheet
51Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2060 ISC-2SD2060 Datasheet
193Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2060 SAVANTIC-2SD2060 Datasheet
250Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2060 JMNIC-2SD2060_15 Datasheet
51Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SD2067

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD592 PANASONIC-2SD592 Datasheet
46Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2358 PANASONIC-2SD2358 Datasheet
45Kb / 1P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC5335 PANASONIC-2SC5335 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2179 PANASONIC-2SD2179 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2441 PANASONIC-2SD2441 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2459 PANASONIC-2SD2459 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2460 PANASONIC-2SD2460 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com