Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC62LS1008 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza UC62LS1008
Descripción Electrónicos  Low Power CMOS SRAM 128K x 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS1008 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UC62LS1008 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS1008 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS1008 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS1008 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS1008 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS1008 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS1008 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC62LS1008 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC62LS1008 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Low Power CMOS SRAM
128K X 8 Bits
UC62LS1008
-20/-25
Unit
Symbol
Inch
mm
A
0.0433±0.004
1.10±0.10
A1
0.004±0.002
0.10±0.05
A2
0.039±0.002
1.00±0.05
b
0.009±0.002
0.22±0.05
b1
0.008±0.001
0.2±0.03
c
0.004~0.008
0.10~0.21
c1
0.004~0.006
0.10~0.16
D
0.724±0.004
18.40±0.10
E
0.315±0.004
8.00±0.10
e
0.020±0.004
0.50±0.10
HD
0.787±0.008
20.00±0.20
L
0.0197+0.008
-0.004
0.5 +0.2
-0.1
L1
0.0315±0.004
0.80±0.10
y
0.004 Max
0.1 Max
θ
0” ~ 8”
0” ~ 8”
32 - TSOP
D
"A"
32
17
16
1
HD
32
17
16
1
b
WITH PLATING
c1
c
b1
SECTION A-A
BASE M ETAL
A
L1
12°(2X)
"A" DETAIL VIEW
SEATING PLANE
A
0.254
GAUGE PLANE
12°(2X)
L
θ
12°(2X)
12°(2X)
e
SEATING PLANE "y"
U-Chip Technology Corp. LTD.
Preliminary
Rev. 1.0
Reserves the right to modify document contents without notice.
PAGE
10


Número de pieza similar - UC62LS1008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008AC ETC1-UC62LS2008AC Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008AI ETC1-UC62LS2008AI Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008FC ETC1-UC62LS2008FC Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008FI ETC1-UC62LS2008FI Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
More results

Descripción similar - UC62LS1008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com