Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3486 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza 2SK3486
Descripción Electrónicos  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3486 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3486 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3486 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3486 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3486 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3486
No.7197-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=10V, f=1MHz
570
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
110
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
80
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
13
ns
Rise Time
tr
See specified Test Circuit.
28
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
53
ns
Fall Time
tf
See specified Test Circuit.
65
ns
Total Gate Charge
Qg
VDS=10V, VGS=4V, ID=8A
7.6
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=4V, ID=8A
1.2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=4V, ID=8A
2.1
nC
Diode Forward Voltage
VSD
IS=8A, VGS=0
0.9
1.2
V
Switching Time Test Circuit
1
2
3
4
5
6
8
7
--60
--40
--20
0
20
40
60
80
100
120
140
160
02468
10
RDS(on) -- VGS
IT04274
0
0.2
0
20
40
60
80
10
30
50
70
100
90
0
1
2
3
4
5
0
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
ID -- VDS
VGS=1.0V
IT03512
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID -- VGS
VDS=10V
IT04273
RDS(on) -- Tc
IT04275
10
20
30
40
50
60
80
100
70
90
0
Tc=25
°C
4A
ID=2A
ID=4A,
VGS
=4.0V
ID=2A,
VGS
=2.5V
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID=4A
RL=2.5Ω
VDD=10V
VOUT
2SK3486
VIN
4V
0V
VIN


Número de pieza similar - 2SK3486

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3480 NEC-2SK3480 Datasheet
77Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Guangdong Kexin Industr...
2SK3480 KEXIN-2SK3480 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK3480 VBSEMI-2SK3480 Datasheet
949Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2SK3480 DOINGTER-2SK3480 Datasheet
948Kb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK3480 ISC-2SK3480 Datasheet
334Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3486

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com