Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK123 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SK123
Descripción Electrónicos  Silicon N-Channel Junction FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK123 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK123 Datasheet HTML 1Page - Panasonic Semiconductor 2SK123 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Silicon Junction FETs (Small Signal)
PD  Ta
ID  VDS
ID  VGS
gm  VGS
gm  ID
2SK123
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
012
10
8
26
4
0
0.40
0.30
0.10
0.25
0.35
0.20
0.05
0.15
Ta=25˚C
V
GS=0V
– 0.10V
– 0.20V
– 0.15V
– 0.05V
Drain to source voltage V
DS
(V)
– 0.5
0
– 0.1
– 0.4
– 0.2
– 0.3
0
600
500
400
300
200
100
Ta=75˚C
25˚C
–25˚C
V
DS=4.5V
Gate to source voltage V
GS
(V)
–1.0
0
– 0.2
– 0.8
– 0.4
– 0.6
0
2.0
1.6
1.2
0.8
0.4
I
DSS=0.3mA
0.15mA
V
DS=4.5V
f=1kHz
Ta=25˚C
Gate to source voltage V
GS
(V)
0
0.5
0.4
0.1
0.3
0.2
0
2.0
1.6
1.2
0.8
0.4
I
DSS=0.3mA
V
DS=4.5V
f=1kHz
Ta=25˚C
Drain current I
D
(mA)


Número de pieza similar - 2SK123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
46Kb / 3P
   For Impedance Conversion In Low Frequency
logo
Inchange Semiconductor ...
2SK1230 ISC-2SK1230 Datasheet
847Kb / 2P
   isc N-Channel MOSFET Transistor
2SK1231 ISC-2SK1231 Datasheet
848Kb / 2P
   isc N-Channel MOSFET Transistor
2SK1232 ISC-2SK1232 Datasheet
848Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com