Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9216BCPZRL7-105 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD9216BCPZRL7-105
Descripción Electrónicos  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9216BCPZRL7-105 Datasheet(HTML) 3 Page - Analog Devices

  AD9216BCPZRL7-105 Datasheet HTML 1Page - Analog Devices AD9216BCPZRL7-105 Datasheet HTML 2Page - Analog Devices AD9216BCPZRL7-105 Datasheet HTML 3Page - Analog Devices AD9216BCPZRL7-105 Datasheet HTML 4Page - Analog Devices AD9216BCPZRL7-105 Datasheet HTML 5Page - Analog Devices AD9216BCPZRL7-105 Datasheet HTML 6Page - Analog Devices AD9216BCPZRL7-105 Datasheet HTML 7Page - Analog Devices AD9216BCPZRL7-105 Datasheet HTML 8Page - Analog Devices AD9216BCPZRL7-105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
AD9216
Rev. PrD
Page 3 of 20
6/15/2004
AD9216–SPECIFICATIONS
DC SPECIFICATIONS
Table 1. (AVDD = 3 V, DRVDD = 2.5 V, Maximum Sample Rate, CLK_A = CLK_B; AIN = -0.5 dBFS Differential Input, 1.0 V
Internal Reference, TMIN to TMAX, unless otherwise noted.)
Test
AD9216BCP-65/80
AD9216BCP-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
VI
10
10
Bits
ACCURACY
No Missing Codes Guaranteed
Full
VI
10
10
Bits
Offset Error
Full
VI
±0.3
±TBD
±0.30
±TBD
% FSR
Gain Error
1
Full
IV
±1.0
±TBD
±1.0
±TBD
% FSR
Differential Nonlinearity (DNL)
2
Full
V
±0.5
±0.5
LSB
25°C
I
±0.5
±TBD
±0.5
±TBD
LSB
Integral Nonlinearity (INL)
2
Full
V
±0.5
±0.5
LSB
25°C
I
±0.5
±TBD
±0.5
±TBD
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±15
±15
ppm/°C
Gain Error
1
Full
V
±30
±30
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
VI
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
0.8
mV
Output Voltage Error (0.5 V Mode)
Full
V
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
0.1
mV
INPUT REFERRED NOISE
Input Span = 1 V
25°C
V
0.8
0.8
LSB rms
Input Span = 2.0 V
25°C
V
0.4
0.4
LSB rms
ANALOG INPUT
Input Span = 1.0 V
Full
IV
1
1
V p-p
Input Span = 2.0 V
Full
IV
2
2
V p-p
Input Capacitance
3
Full
V
2
2
pF
REFERENCE INPUT RESISTANCE
Full
V
7
7
k?
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
2.7
3.0
3.3
2.7
3.0
3.3
V
DRVDD
Full
IV
2.25
2.5
3.6
2.25
2.5
3.6
V
Supply Current
IAVDD
2
Full
V
TBD/TBD
TBD
mA
IDRVDD
2
Full
V
TBD/TBD
TBD
mA
PSRR
Full
V
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input
4
Full
V
TBD/TBD
TBD
mW
Sine Wave Input
2
Full
VI
215/238
280
mW
Standby Power
5
Full
V
1/1
1
mW
MATCHING CHARACTERISTICS
Offset Error
Full
V
±0.1
±0.1
% FSR
Gain Error
Full
V
±0.05
±0.05
% FSR
1 Gain error and gain temperature coefficient are based on the A/D converter only (with a fixed 1.0 V external reference).
2 Measured at maximum clock rate with a low frequency sine wave input and approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AVSS. Refer to Figure xx for the equivalent analog input
structure.
4 Measured with dc input at maximum clock rate.
5 Standby power is measured with the CLK_A and CLK_B pins inactive (i.e., set to AVDD or AGND).
Specifications subject to change without notice.


Número de pieza similar - AD9216BCPZRL7-105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9216BCPZRL7-105 AD-AD9216BCPZRL7-105 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
More results

Descripción similar - AD9216BCPZRL7-105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com