Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX163SJ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 74LVX163SJ
Descripción Electrónicos  Low Voltage Synchronous Binary Counter with Synchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX163SJ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74LVX163SJ Datasheet HTML 1Page - National Semiconductor (TI) 74LVX163SJ Datasheet HTML 2Page - National Semiconductor (TI) 74LVX163SJ Datasheet HTML 3Page - National Semiconductor (TI) 74LVX163SJ Datasheet HTML 4Page - National Semiconductor (TI) 74LVX163SJ Datasheet HTML 5Page - National Semiconductor (TI) 74LVX163SJ Datasheet HTML 6Page - National Semiconductor (TI) 74LVX163SJ Datasheet HTML 7Page - National Semiconductor (TI) 74LVX163SJ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Noise Characteristics
VCC
(V)
LVX163
Symbol
Parameter
TA e 25 C
Units
CL (pF)
Typ
Limits
VOLP
Quiet Output Maximum
33
02
05
V
50
Dynamic VOL
VOLV
Quiet Output Minimum
33
b
02
b
05
V
50
Dynamic VOL
VIHD
Minimum High Level
33
20
V
50
Dynamic Input Voltage
VILD
Maximum Low Level
33
08
V
50
Dynamic Input Voltage
Parameter guaranteed by design
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
LVX163
LVX163
Units
Conditions
TA e 25 C
TA eb40 C
to a85 C
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
27
90
140
10
160
ns
CL e 15 pF
tPHL
Time (CP – Qn)
113
170
10
190
CL e 50 pF
33 g03
83
128
10
150
ns
CL e 15 pF
108
163
10
185
CL e 50 pF
tPLH
Propagation Delay
27
95
143
10
167
ns
CL e 15 pF
tPHL
Time (CP – TC Count)
125
185
10
205
CL e 50 pF
33 g03
87
136
10
160
ns
CL e 15 pF
112
171
10
195
CL e 50 pF
tPLH
Propagation Delay
27
114
180
10
210
ns
CL e 15 pF
tPHL
Time (CP – TC Load)
140
210
10
240
CL e 50 pF
33 g03
110
172
10
200
ns
CL e 15 pF
135
207
10
235
CL e 50 pF
tPLH
Propagation Delay
27
86
135
10
150
ns
CL e 15 pF
tPHL
Time (CET – TC)
110
165
10
185
CL e 50 pF
33 g03
75
123
10
145
ns
CL e 15 pF
105
158
10
180
CL e 50 pF
fmax
Maximum Clock
27
75
115
65
MHz
CL e 15 pF
Frequency
50
80
45
CL e 50 pF
33 g03
80
130
70
MHz
CL e 15 pF
55
85
50
CL e 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC e Open
CPD
Power Dissipation
23
pF
(Note 1)
Capacitance
Note 1
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load Average
operating current can be obtained by the equation ICC (opr) e CPD
VCC
fIN a ICC
When the outputs drive a capacitive load total current consumption is the sum of CPD and DICC which is obtained from the following formula
D
ICC e FCP  VCC
CQO2aCQ14aCQ28aCQ316aCTC16J
CQ0–CQ3 and CTC are the capacitances at Q0–Q3 and TC respectively FCP is the input frequency of the CP
http
www nationalcom
5


Número de pieza similar - 74LVX163SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX163SJ FAIRCHILD-74LVX163SJ Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
More results

Descripción similar - 74LVX163SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX163 FAIRCHILD-74LVX163 Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com