Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100ES6226 Datasheet(PDF) 6 Page - Motorola, Inc

No. de pieza MC100ES6226
Descripción Electrónicos  2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6226 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC100ES6226 Datasheet HTML 2Page - Motorola, Inc MC100ES6226 Datasheet HTML 3Page - Motorola, Inc MC100ES6226 Datasheet HTML 4Page - Motorola, Inc MC100ES6226 Datasheet HTML 5Page - Motorola, Inc MC100ES6226 Datasheet HTML 6Page - Motorola, Inc MC100ES6226 Datasheet HTML 7Page - Motorola, Inc MC100ES6226 Datasheet HTML 8Page - Motorola, Inc MC100ES6226 Datasheet HTML 9Page - Motorola, Inc MC100ES6226 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC100ES6226
MOTOROLA
TIMING SOLUTIONS
6
TABLE 7: AC CHARACTERISTICS (VCC = 3.3V ± 5% and 2.5V ± 5%, TJ = 0°C to +110°C)a b
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VPP
Differential input voltagec
(peak-to-peak)
0.2
0.3
1.3
V
VCMR
Differential input crosspoint voltaged
1.0
VCC-0.3
V
VX,OUT
Differential output crosspoint voltage
VCC-1.45
VCC-1.1
V
VO(P-P)
Differential output voltage (peak-to-peak)
fO < 300 MHz
fO < 1.5 GHz
fO < 2.7 GHz
0.45
0.3
TBD
0.72
0.55
0.37
0.95
0.95
0.95
V
V
V
fCLK
Input Frequency
0
3000e
MHz
tPD
Propagation Delay CLK to Qx[]
475
500
800
ps
Differential
tsk(O)
Output-to-output skew
(within QA[2:0])
(within QB[2:0])
(within QC[2:0])
(within device)
11
12
4
25
25
20
60
ps
ps
ps
ps
Differential
tsk(PP)
Output-to-output skew
(part-to-part)
325
ps
Differential
tJIT(CC)
Output cycle-to-cycle jitter
single frequency configuration
÷1/÷2 frequency configuration
TBD
TBD
FSEL0 = FSEL1
FSEL0
≠ FSEL1
DCO
Output duty cycle
Qx =
÷1, fO < 300 MHz
Qx =
÷1, fO > 300 MHz
Qx =
÷2, fO < 300 MHz
Qx =
÷2, fO > 300 MHz
48
45
49
47.5
50
50
50
50
52
55
51
52.5
%
%
%
%
DCfref= 50%
tr, tf
Output Rise/Fall Time
0.05
200
ns
20% to 80%
tPDLf
Output disable time
2.5
⋅T + tPD
4.5
⋅T + tPD
ns
T=CLK period
tPLDg
Output enable time
3
⋅T + tPD
5
⋅T + tPD
ns
T=CLK period
a.
AC characterisitics are design targets and pending characterization.
b.
AC characteristics apply for parallel output termination of 50
Ω to VTT.
c.
VPP is the minimum differential input voltage swing required to maintain AC characteristics including tpd and device-to-device skew.
d.
VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR (AC)
range and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the device propagation delay,
device and part-to-part skew.
e.
The MC100ES6226 is fully operational up to 3.0 GHz and is characterized up to 2.7 GHz.
f.
Propagation delay OE deassertion to differential output disabled (differential low: true output low, complementary output high).
g.
Propagation delay OE assertion to output enabled (active).
tPDL (OE to Qx)
Figure 3. MC100ES6226 output disable/enable timing
50%
tPLD (OE to Qx)
Outputs disabled
CLK
CLK
OE
Qx
Qx
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Número de pieza similar - MC100ES6226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226AC RENESAS-MC100ES6226AC Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226ACR2 RENESAS-MC100ES6226ACR2 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226FA RENESAS-MC100ES6226FA Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226FAR2 RENESAS-MC100ES6226FAR2 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
More results

Descripción similar - MC100ES6226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com