Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB20NM60A-1 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STB20NM60A-1
Descripción Electrónicos  N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM60A-1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB20NM60A-1 Datasheet HTML 2Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 3Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 4Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 5Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 6Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 7Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 8Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 9Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STB20NM60A-1/STP20NM60A/STF20NM60A
6/12
Normalized BVDSS vs Temperature
Source-drain Diode Forward Characteristics
Typical Switching Time vs Rg
Typical Drain Current Slope vs Rg
Typical Drain Source Voltage Slope vs Rg
Typical Switching Losses vs Rg


Número de pieza similar - STB20NM60A-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB20NM60 STMICROELECTRONICS-STB20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM60 STMICROELECTRONICS-STB20NM60 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
logo
Inchange Semiconductor ...
STB20NM60 ISC-STB20NM60 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
More results

Descripción similar - STB20NM60A-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP6NB80 STMICROELECTRONICS-STP6NB80 Datasheet
44Kb / 6P
   N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
September 1998
STP8NM50 STMICROELECTRONICS-STP8NM50_06 Datasheet
288Kb / 14P
   N-channel 550V @ Tjmax - 0.7廓 - 8A - TO-220 - TO-220FP MDmesh??Power MOSFET
STP9NC65 STMICROELECTRONICS-STP9NC65 Datasheet
343Kb / 9P
   N-CHANNEL 650V - 0.75omp - 8A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
   N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
   N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
   N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
   N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com