Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD60C52 Datasheet(PDF) 1 Page - AUK corp

No. de pieza SD60C52
Descripción Electrónicos  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C52 Datasheet(HTML) 1 Page - AUK corp

  SD60C52 Datasheet HTML 1Page - AUK corp SD60C52 Datasheet HTML 2Page - AUK corp SD60C52 Datasheet HTML 3Page - AUK corp SD60C52 Datasheet HTML 4Page - AUK corp SD60C52 Datasheet HTML 5Page - AUK corp SD60C52 Datasheet HTML 6Page - AUK corp SD60C52 Datasheet HTML 7Page - AUK corp SD60C52 Datasheet HTML 8Page - AUK corp SD60C52 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KSI-W015-000
1
SD60C32/P, SD60C52/P
CMOS SINGLE-COMPONENT 8-BIT MICROCO MPUTER
Description
The AUK 60C32/P 60C52/P is a high-performance micro controller fabricated with AUK
high-density CMOS technology. The AUK CMOS technology combines the high speed and
density characteristics of MOS with the low power attributes of CMOS.
The 60C52 contains a 8K×8 ROM, a 256×8 RAM, 32 I/O lines, three 16bit counter/timers,
a six sourc two-priority level nested interrupt structure, a serial I/O port for either multi-
processor communication, I/O expansion or full duplex UART, and on-chip oscillator and
clock circuits.
In addition, the device has two software selectable modes of power reduction idle mode
and power-down mode. The idle mode freezes the CPU while allowing the RAM, timers,
serial port, and interrupt system to continue functioning.
The power-down mode saves the RAM contents but freezes the oscillator , causing all other
chip function to be inoperative.
Features
8-bit CPU optimized for control applications.
• MCS-51 fully compatible instruction set
• Pin-to-pin compatible with intel's 80C52/80C32.
• ONCETM (ON-circuit emulation) mode
• 256 Bytes of on-chip data RAM.
• Power control modes
• 60C52 low power CPU only.
-Idle mode
• 32 programmable I/O lines.
-Power down mode
• Three 16bit timer/counters.
• 6 interrupt source
• TTL and CMOS compatible logic levels
• 64K external program memory space and data memory space.
Ordering Information
Type NO.
Marking
Package Code
Type NO.
Marking
Package Code
SD60C32
SD60C32
PLCC44
SD60C32P
SD60C32
DIP40
SD60C52
SD60C52
PLCC44
SD60C52P
SD60C52
DIP40
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
0.695 (17.653)
0.685 (17.399)
0.656 (16.662)
0.650 (16.510)
0.050 (1.270)
0.630 (16.002)
0.590 (14.906)
40
21
1
20
1.22TYP
2.54
1.4
0.1
0.5
0.1
50.7±0.2
±
±
±
PLCC44
DIP40


Número de pieza similar - SD60C52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SD60C51 AUK-SD60C51 Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
SD60C51/P AUK-SD60C51/P Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
More results

Descripción similar - SD60C52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SD60C31 AUK-SD60C31 Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C52 ETC2-DMC60C52 Datasheet
712Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Daewoo Semiconductor
DMC60C51 DAEWOO-DMC60C51 Datasheet
579Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC80C49 DAEWOO-DMC80C49 Datasheet
655Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC60C52 DAEWOO-DMC60C52 Datasheet
706Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Intel Corporation
M8751H-8 INTEL-M8751H-8 Datasheet
1Mb / 16P
   SINGLE-COMPONENT 8 BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C51 ETC2-DMC60C51 Datasheet
583Kb / 12P
   COMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com