Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP223TC Datasheet(PDF) 8 Page - Motorola, Inc

No. de pieza MC100EP223TC
Descripción Electrónicos  Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100EP223TC Datasheet(HTML) 8 Page - Motorola, Inc

  MC100EP223TC Datasheet HTML 1Page - Motorola, Inc MC100EP223TC Datasheet HTML 2Page - Motorola, Inc MC100EP223TC Datasheet HTML 3Page - Motorola, Inc MC100EP223TC Datasheet HTML 4Page - Motorola, Inc MC100EP223TC Datasheet HTML 5Page - Motorola, Inc MC100EP223TC Datasheet HTML 6Page - Motorola, Inc MC100EP223TC Datasheet HTML 7Page - Motorola, Inc MC100EP223TC Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC100EP223
MOTOROLA
TIMING SOLUTIONS
DL207 — Rev 0
8
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental
damages. “Typical” parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application
by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are
not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where
personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application,
Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the
part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center, 3–20–1,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
Minami–Azabu. Minato–ku, Tokyo 106–8573 Japan. 81–3–3440–3569
Technical Information Center: 1–800–521–6274
ASIA / PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre,
2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
852–26668334
HOME PAGE: http://www.motorola.com/semiconductors/
MC100EP223/D


Número de pieza similar - MC100EP223TC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210S ONSEMI-MC100EP210S Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210S ONSEMI-MC100EP210S Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EP210SFA ONSEMI-MC100EP210SFA Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210SFA ONSEMI-MC100EP210SFA Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
More results

Descripción similar - MC100EP223TC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
logo
ON Semiconductor
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
logo
Motorola, Inc
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com