Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC2820 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza MC2820
Descripción Electrónicos  Technical Specifications for Brushless Servo Motion Control
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

MC2820 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MC2820 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC2820 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2820 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2820 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2820 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2820 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC2820 Datasheet HTML 12Page - List of Unclassifed Manufacturers MC2820 Datasheet HTML 13Page - List of Unclassifed Manufacturers MC2820 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
MC2300 Technical Specifications
10
Introduction
This manual describes the operational characteristics of the MC2340, MC2320 and MC2310 Motion
Processors from PMD. These devices are members of PMD’s second-generation motion processor
family, which consists of 14 separate products organized into 5 series.
Each of these devices are complete chip-based motion processors. They provide trajectory
generation and related motion control functions. Depending on the type of motor controlled they
provide servo loop closure, on-board commutation for brushless motors, and high speed pulse and
direction outputs. Together these products provide a software-compatible family of dedicated
motion processors that can handle a large variety of system configurations.
Each of these chips utilize a similar architecture, consisting of a high-speed computation unit, along
with an ASIC (Application Specific Integrated Circuit). The computation unit contains special on-
board hardware that makes it well suited for the task of motion control.
Along with similar hardware architecture these chips also share most software commands, so that
software written for one chipset may be re-used with another, even though the type of motor may be
different.
Each chipset consists of two PQFP (Plastic Quad Flat Pack) ICs: a 100-pin Input/Output (I/O)
chip, and a 132-pin Command Processor (CP) chip.
The four different series in the Navigator family are designed for a particular type of motor or
control scheme. Here is a summary description of each series.
Family Summary
MC2100 Series (MC2140, MC2120, MC2110) – This series outputs motor commands in either
Sign/Magnitude PWM or DAC-compatible format for use with brushed servo motors, or with
brushless servo motors having external commutation.
MC2300 Series (MC2340, MC2320, MC2310) – This series outputs sinusoidally commutated
motor signals appropriate for driving brushless motors. Depending on the motor type, the output is a
two-phase or three-phase signal in either PWM or DAC-compatible format.
MC2400 Series (MC2440, MC2420, MC2410) – This series provides microstepping signals for
stepping motors. Two phased signals per axis are generated in either PWM or DAC-compatible
format.
MC2500 Series (MC2540, MC2520, MC2510) – These chipsets provide high-speed pulse and
direction signals for stepping motor systems.
MC2800 Series (MC2840, MC2820) – This series outputs sinusoidally or 6-step commutated motor
signals appropriate for driving brushless servo motors as well as PWM or DAC- compatible outputs
for driving brushed servo motors.


Número de pieza similar - MC2820

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SL Power Electronics
MC28-2-A SLPOWER-MC28-2-A Datasheet
374Kb / 7P
   DC Power Supplies
MC28-2-A SLPOWER-MC28-2-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

Descripción similar - MC2820

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SV2B5-Q-RE ETC2-SV2B5-Q-RE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-AE ETC2-SV2A3-Q-AE Datasheet
155Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-EE ETC2-SV2A3-Q-EE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-RE ETC2-SV2A3-Q-RE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-RE ETC2-SV2A5-Q-RE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-EE ETC2-SV2B5-Q-EE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-AE ETC2-SV2B3-Q-AE Datasheet
157Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-AE ETC2-SV2A5-Q-AE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-RE ETC2-SV2B3-Q-RE Datasheet
158Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-AE ETC2-SV2B5-Q-AE Datasheet
235Kb / 4P
   Digital Servo Drive w/ On-board motion control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com