|
| LM193JAN |
|
||
|
NSC |
|
1 page
LM193JAN Low Power Low Offset Voltage Dual Comparators General Description The LM193 series consists of two independent precision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which were de- signed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. These comparators also have a unique characteris- tic in that the input common-mode voltage range includes ground, even though operated from a single power supply voltage. Application areas include limit comparators, simple analog to digital converters; pulse, squarewave and time delay gen- erators; wide range VCO; MOS clock timers; multivibrators and high voltage digital logic gates. The LM193 series was designed to directly interface with TTL and CMOS. When operated from both plus and minus power supplies, the LM193 series will directly interface with MOS logic where their low power drain is a distinct advantage over standard comparators. Advantages n High precision comparators n Reduced V OS drift over temperature n Eliminates need for dual supplies n Allows sensing near ground n Compatible with all forms of logic n Power drain suitable for battery operation Features n Wide supply — Voltage range: 5.0V DC to 36VDC — Single or dual supplies: ±2.5V DC to ±18VDC n Very low supply current drain (0.4 mA) — independent of supply voltage n Low input biasing current: 25 nA typ n Low input offset current: ±3 nA typ n Maximum offset voltage +5mV Max @ 25˚C n Input common-mode voltage range includes ground n Differential input voltage range equal to the power supply voltage n Low output saturation voltage,: 250 mV at 4 mA typ n Output voltage compatible with TTL, DTL, ECL, MOS and CMOS logic systems Ordering Information NS Part Number JAN Part Number NS Package Number Package Description JL193BGA JM38510/11202BGA H08C 8LD T0-99 Metal Can JL193BPA JM38510/11202BPA J08A 8LD CERDIP Squarewave Oscillator Non-Inverting Comparator with Hysteresis 20143238 20143209 May 2005 © 2005 National Semiconductor Corporation DS201432 www.national.com |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LM193 | Low Power Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | National Semiconductor |
| MNLM193A-X | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | National Semiconductor |
| AP393 | Low Power Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | Anachip Corp |
| AZ393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| IL393N | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | List of Unclassifed Manufacturers |
| SL393 | Low Power Low Offset Voltage Dual Comparators | 1 2 3 4 | System Logic Semiconductor |
| NTE943 | Integrated Circuit Low Power Low Offset Dual Voltage Comparator | 1 2 3 4 5 | NTE Electronics |
| LM2903 | LOW POWER DUAL VOLTAGE COMPARATORS | 1 2 3 4 5 More | STMicroelectronics |
| LM139JAN | Low Power Low Offset Voltage Quad Comparators | 1 2 3 4 5 More | National Semiconductor |
| TS372C | LOW POWER DUAL CMOS VOLTAGE COMPARATORS | 1 2 3 4 5 | STMicroelectronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |