Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRF6215L Datasheet(PDF) 3 Page - International Rectifier |
|
IRF6215L Datasheet(HTML) 3 Page - International Rectifier |
3 / 10 page IRF6215S/L Fig 4. Normalized On-Resistance Vs. Temperature Fig 2. Typical Output Characteristics Fig 1. Typical Output Characteristics Fig 3. Typical Transfer Characteristics 1 10 100 1 1 0 100 DS 20µ s PU LS E W ID T H T = 2 5°C c A -V , D rain-to-S ourc e V oltage (V ) VGS TO P - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOT TOM - 4.5V -4 .5V 1 10 100 1 1 0 100 DS A -V , D rain-to-S ource V oltage (V ) VGS TOP - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOTTOM - 4.5V -4 .5V 20µ s P U LS E W ID T H T = 175°C C 1 10 100 456 789 1 0 T = 25 °C J GS A -V , Ga te -to-S ource V olta ge (V ) T = 175°C J V = -5 0 V 20µs PU LSE W ID TH DS 0.0 0.5 1.0 1.5 2.0 2.5 - 6 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 100 120 140 160 180 J T , J unc tion T em perature (°C ) A V = -10 V GS I = -1 1A D TJ = 25°C TJ = 175°C |
Número de pieza similar - IRF6215L |
|
Descripción similar - IRF6215L |