Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8321ZV18E-225 Datasheet(PDF) 11 Page - GSI Technology |
|
GS8321ZV18E-225 Datasheet(HTML) 11 Page - GSI Technology |
11 / 31 page GS8321ZV18/32/36E-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 11/2004 11/31 © 2003, Giga Semiconductor, Inc. Flow Through Mode Data I/O State Diagram High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for: Pipeline and Flow through Read Write Control State Diagram |
Número de pieza similar - GS8321ZV18E-225 |
|
Descripción similar - GS8321ZV18E-225 |