Nombre de pieza
         Descripción
CN452

 NPN SILICON PLANAR EPITAXIAL TRANSISTORS ( 4 Page)


CDIL
100% 
Zoom Out Zoom In
   
 1 page
background image
Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Manufacturer
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN452 / CN453
TO-92
Plastic Package
General Purpose Transistors designed for Small and Medium Signal Amplification
from D.C to Radio Frequencies
Complementary CP552 and CP553
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
CN453
UNITS
Collector Base Voltage
120
V
Collector Emitter Voltage
100
V
Emitter Base Voltage
V
Peak Pulse Current
A
Collector Current Continuous
A
Base Current
mA
Power Dissipation @ Ta=25ºC
W
Power Dissipation @ Ta=25ºC
W
Power Dissipation @ Tc=25ºC
W
Operating and Storage Junction
Temperature Range
ºC
*Transistors mounted on printed circuit board. Lead Length 4mm, mounting pad for collector lead min
10mm x 10 mm, copper
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
CN453
UNITS
Collector Cut Off Current
ICBO
VCB=80V, IE = 0
nA
VCB=100V, IE = 0
<100
nA
Emitter Cut Off Current
IEBO
VEB=4V, IC = 0
<100
nA
Collector Emitter Saturation Voltage
VCE (sat)
IC=150mA, IB=15mA
<0.7
V
Base Emitter Saturation Voltage
VBE (sat)
IC=150mA, IB=15mA
<1.3
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
>100
V
DC Current Gain
*hFE
VCE=10V, IC=150mA
40 - 200
VCE=10V, IC=1A
>10
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
CN453
UNITS
Transition Frequency
fT
VCE=10V, IC=50mA,
f=100MHz
>100
MHz
Output Capacitance
Cobo
VCB=10V, IE=0, f=1MHz
<15
pF
*Pulse Condition: Pulse Width = 300
µµs, Duty Cycle < 2%.
CN452_453Rev_2 211204E
0.8
2.0
- 65 to +150
<15
>10
CN452
>100
<0.7
<1.3
>80
40 - 150
CN452
<100
<100
SYMBOL
VCBO
VCEO
VEBO
ICM
IC
IB
PD
PD
Tj, Tstg
CN452
100
80
*PD
1.0
5.0
2.0
1.0
200
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 4
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2SD1226MMedium Power Amp. Epitaxial Planar NPN Silicon Transistors 1 2 3 Rohm
MPS6512NPN SILICON PLANAR EPITAXIAL TRANSISTORS 1 2 Micro Electronics
2SA1344PNP/ NPN EPITAXIAL PLANAR SILICON TRANSISTORS 1 2 3 4 5 Sanyo Semicon Device
CPH3221PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
2SA881Epitaxial Planar NPN Silicon Transistors 1 2 3 Rohm
2SA1347PNP/ NPN EPITAXIAL PLANAR SILICON TRANSISTORS 1 2 Sanyo Semicon Device
CSC460NPN SILICON PLANAR EPITAXIAL TRANSISTORS 1 2 3 Continental Device India Limited
2SA1317PNP/NPN Epitaxial Planar Silicon Transistors 1 2 3 Sanyo Semicon Device
2SA1783PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS 1 2 3 4 Sanyo Semicon Device
CSA970CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS 1 2 3 4 5 Continental Device India Limited

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl