Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDS3014B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza TDS3014B
Descripción Electrónicos  DIGITAL PHOSPHOR OSCILLOSCOPES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

TDS3014B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TDS3014B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS3014B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS3014B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS3014B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS3014B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS3014B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS3014B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS3014B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digital Phosphor Oscilloscopes
TDS3012B • TDS3014B • TDS3024B • TDS3032B • TDS3034B • TDS3044B • TDS3052B • TDS3054B • TDS3064B
Waveform Processing
Deskew – Channel-to-channel deskew ±10 ns
may be manually entered for better timing meas-
urements and more accurate math waveforms.
Arithmetic Operators – Add, subtract, multiply,
divide, arbitrary math expressions*2.
Autoset – Single-button, automatic setup on
selected input signal for vertical, horizontal and
trigger systems.
Display Characteristics
Waveform Style –
Dots, vectors and variable persistence.
Graticules – Full, grid, cross-hair, and frame.
NTSC, PAL, SECAM, and vectorscope (100% and
75% color bars) with optional TDS3VID and TDS3SDI
video application modules.
Format – YT, XY and Gated XYZ (XY with Z-axis
blanking available on TDS30X4B only).
I/O Interface
Hard Copy Port (standard) –
Centronics-type parallel.
Ethernet Port (standard) –
10base-T LAN, RJ-45 female.
TDS3GV Communications Module – GPIB
(IEEE 488.2) programmability: Full talk/listen modes;
control of all modes, settings and measurements.
VGA: Monitor output for direct display on large
VGA-equipped monitors. DB-15 female connector,
31.6 kHz sync rate, EIA RS-343A compliant.
RS-232-C interface programmability: Full talk/
listen modes; control of all modes, settings and
measurements. Baud Rate up to 38,400. DB-9 male
connector. Programmer manual: 071-0381-02.
*2 Requires TDS3AAM module.
Hard Copy Capability
Graphics File Formats – Interleaf (.img), TIF, PCX
(PC Paintbrush), BMP (Microsoft Windows) and
Encapsulated Postscript (EPS).
Printer Formats – Bubblejet, DPU-3445, Thinkjet,
Deskjet, Laserjet, Epson (9- and 24-Pin).
Environmental and Safety
Temperature – +5 ºC to +50 ºC (operating),
–20 ºC to +60 ºC (nonoperating).
Humidity – 20% to 80% RH below 32 ºC, derate
to 30% RH at 45 ºC (operating), 5% to 90% RH
below 41 ºC, derate to 30% RH at 60 ºC (nonoperating).
Altitude –
To 3,000 m (operating), 15,000 m (nonoperating).
Electromagnetic Compatibility – Meets or
exceeds EN55011 Class A radiated and conducted
emissions; EN50082-1; FCC 47 CFR, Part 15,
Subpart B, Class A; Australian EMC framework;
Russian GOST EMC regulations.
Safety –
UL3111-1, CSA1010.1, EN61010-1, IEC61010-1.
Physical Characteristics
Instrument
Dimensions
mm
in.
Width
375.0
14.8
Height
176.0
6.9
Depth
149.0
5.9
Weight
kg
lbs.
Instrument only
3.2
7.0
w/battery installed
4.5
9.8
Instrument Shipping
Package Dimensions
mm
in.
Width
502.0
19.8
Height
375.0
14.8
Depth
369.0
14.5
Rackmount
Dimensions
mm
in.
Width
484.0
19.0
Height
178.0
7.0
Depth
152.0
6.0
TDS3012B, TDS3014B,
TDS3024B, TDS3032B,
TDS3034B, TDS3044B,
TDS3052B, TDS3054B,
TDS3064B
Standard Accessories
Probes: 2 each P3010 10X passive probes
(TDS3012B), 4 each P3010 10X passive probes
(TDS3014B), 2 each P6139A 10X passive probes
(TDS3032B and TDS3052B), 4 each P6139A 10X
passive probes (TDS3024B, TDS3034B, TDS3044B,
TDS3054B and TDS3064B).
Documentation: User Manual, quick reference
manual and programmer’s manual.
Power cord.
Accessory tray.
Protective front cover: Has holder for user manual
and/or 3.5 in. floppy disks.
NIST-Traceable Certificate of Calibration.
Please specify power plug and manual version
when ordering.
Recommended Option
Option PB – Available on all TDS3014B,
TDS3024B, TDS3034B, TDS3044B, TDS3054B
and TDS3064B models. Includes TDS3GV
Communication Module with TDSPCS1
OpenChoice® Software, TDS3AAM Advanced
Analysis Module and TDS3LIM Limit Testing
Module.
Recommended Accessories
TDS3TMT – Telecom Mask Testing Module.
TDS3AAM – Advanced Analysis Module.
TDS3LIM – Limit Testing Module.
TDS3VID – Extended Video Module.
TDS3SDI – 601 Serial Digital Video Module.
Requires a 4-channel TDS3000B Series
oscilloscope.
TDS3GV – GPIB, VGA, RS-232 interfaces and
TDSPCS1 OpenChoice® PC Communication
Software.
TDSPCS1 OpenChoice PC Communication
Software – A collection of programs that enable
fast and easy transfer communication between MS
Windows PCs and Tektronix oscilloscopes. Available
in single-license packages and included in TDS3GV
communication module. Minimum system require-
ments: MS Windows 98 SE, XP Professional, ME,
or 2000. MS Office 2000 or XP (for TDS toolbars
only) – Excel 2000 or 2002; Word 2000 or 2002.
Digital Phosphor Oscilloscopes • www.tektronix.com/tds3000b
6
Ordering Information


Número de pieza similar - TDS3014B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDS3014C ETC2-TDS3014C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3014C TEKTRONIX-TDS3014C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
More results

Descripción similar - TDS3014B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com