Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDS3034B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza TDS3034B
Descripción Electrónicos  DIGITAL PHOSPHOR OSCILLOSCOPES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

TDS3034B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TDS3034B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS3034B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS3034B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS3034B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS3034B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS3034B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS3034B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS3034B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Digital Phosphor Oscilloscopes • www.tektronix.com/tds3000b
5
Digital Phosphor Oscilloscopes
TDS3012B • TDS3014B • TDS3024B • TDS3032B • TDS3034B • TDS3044B • TDS3052B • TDS3054B • TDS3064B
Acquisition Modes
DPO – Captures and displays complex waveforms,
random events and subtle patterns in actual signal
behavior. DPOs are able to provide 3 dimensions of
signal information in real time: Amplitude, time and
the distribution of amplitude over time.
Peak Detect – High frequency and random glitch
capture. Captures glitches as narrow as 1 ns.
WaveAlert® – Monitors the incoming signals on all
channels and alerts the user to any waveform that
deviates from the normal waveform being acquired.
Sample – Sample data only.
Envelope – Max/Min values acquired over one or
more acquisitions.
Average – Waveform data from 2 to
512 (selectable) acquisitions is averaged.
Single Sequence – Use the Single Sequence
button to capture a single triggered acquisition
sequence at a time.
Trigger System
Main Trigger Modes – Auto (supports Roll Mode
for 40 ms/div and slower), Normal.
B Trigger – Trigger after time or events.
Trigger After Time Range – 13.2 ns to 50 s.
Trigger After Events Range –
1 to 9,999,999 events.
External Trigger Input – >1 M
Ω in parallel with
17 pF; Max input voltage is 150 V
RMS.
Trigger Types
Edge – Conventional level-driven trigger. Positive or
negative slope on any channel. Coupling selec-
tions: DC, noise reject, HF reject, LF reject.
Video – Trigger on all lines, odd, even or all fields.
With TDS3VID or TDS3SDI, trigger on individual
lines and on analog HDTV formats (1080i, 1080p,
720p, 480p).
Logic –
PATTERN: Specifies AND, OR, NAND, NOR when true
or false for a specific time.
STATE: Any logic state. Triggerable on rising or falling
edge of a clock. Logic triggers can be used on
combinations of 2 inputs (not 4).
Pulse –
WIDTH (or GLITCH): Trigger on pulse width less
than, greater than, equal to or not equal to a
selectable time limit ranging from 39.6 ns to 50 s.
RUNT: Trigger on a pulse that crosses one threshold
but fails to cross a second threshold before crossing
the first again.
SLEW RATE: Trigger on pulse edge rates that are
either faster or slower than a set rate. Edges can be
rising, falling, or either.
Comm (requires TDS3TMT) – Provides isolated
pulse triggering required to perform DS1/DS3
telecommunications mask testing per
ANSI T1.102 standard.
Alternate – Sequentially uses each active channel
as a trigger source.
Measurement System
Automatic Waveform Measurements –
Period, Frequency, +Width, –Width, Rise Time,
Fall Time, +Duty Cycle, –Duty Cycle, +Overshoot,
–Overshoot, High, Low, Max, Min, Peak-to-Peak,
Amplitude, Mean, Cycle Mean, RMS, Cycle RMS,
Burst Width, Delay, Phase, Area*2, Cycle Area*2.
Display any four measurements from any combina-
tion of waveforms. Or display all measurements with
measurement snapshot feature. Measurement
statistics*2.
Thresholds – Settable in percentage or voltage.
Gating – Measurements can be gated using the
screen or vertical cursors.
*2 Requires TDS3AAM module.
TDS3000B DPO provides breakthrough test
speeds for telecommunications line card
testing. The telecom QUICKMENU puts all
the commonly used telecom testing
functions on a single menu.
Custom video trigger allows the TDS3000B
to trigger on standards such as RS343
(26.2 kHz scan rate).
Trace and identify ITU-R BT.601 video
signals with the TDS3SDI 601 Serial
Digital Video Module.


Número de pieza similar - TDS3034B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDS3034C ETC2-TDS3034C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3034C TEKTRONIX-TDS3034C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
More results

Descripción similar - TDS3034B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com