Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55C6V8 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza BZX55C6V8
Descripción Electrónicos  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX55C6V8 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BZX55C6V8 Datasheet HTML 1Page - Fairchild Semiconductor BZX55C6V8 Datasheet HTML 2Page - Fairchild Semiconductor BZX55C6V8 Datasheet HTML 3Page - Fairchild Semiconductor BZX55C6V8 Datasheet HTML 4Page - Fairchild Semiconductor BZX55C6V8 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
BZX55C2V4 - BZX55C91, Rev. B1
Electrical Characteristics T
A=25°C unless otherwise noted
Device
VZ (V) @ IZ (Note 1)
ZZ @ IZ
(
Ω)
Test Current
IZ (mA)
IR (µA) @ VR
IZM (mA)
(Note 2)
Min.
Max.
Ta = 25
°CTa = 125°CV
R (V)
BZX55C2V4
BZX55C2V7
BZX55C3V0
BZX55C3V3
BZX55C3V6
2.28
2.50
2.8
3.1
3.4
2.56
2.9
3.2
3.5
3.8
85
85
85
85
85
5
5
5
5
5
50
10
4
2
2
100
50
40
40
40
1
1
1
1
1
155
135
125
115
105
BZX55C3V9
BZX55C4V3
BZX55C4V7
BZX55C5V1
BZX55C5V6
3.7
4.0
4.4
4.8
5.2
4.1
4.6
5.0
5.4
6.0
85
75
60
35
25
5
5
5
5
5
2
1
0.5
0.1
0.1
40
40
10
2
2
1
1
1
1
1
95
90
85
80
70
BZX55C6V2
BZX55C6V8
BZX55C7V5
BZX55C8V2
BZX55C9V1
5.8
6.4
7.0
7.7
8.5
6.6
7.2
7.9
8.7
9.6
10
8
7
7
10
5
5
5
5
5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
2
2
3
5
6
7
64
58
53
47
43
BZX55C10
BZX55C11
BZX55C12
BZX55C13
BZX55C15
9.5
10.4
11.4
12.4
13.8
10.6
11.6
12.7
14.1
15.6
15
20
20
26
30
5
5
5
5
5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
2
7.5
8.5
9
10
11
40
36
32
29
27
BZX55C16
BZX55C18
BZX55C20
BZX55C22
BZX55C24
15.3
16.8
18.8
20.8
22.8
17.1
19.1
21.1
23.3
25.6
40
50
55
55
80
5
5
5
5
5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
2
12
14
15
17
18
24
21
20
18
16
BZX55C27
BZX55C30
BZX55C33
BZX55C36
BZX55C39
25.1
28.0
31.0
34.0
37.0
28.9
32.0
35.0
38.0
41.0
80
80
80
80
90
5
5
5
5
2.5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
5
20
22
24
27
28
14
13
12
11
10
Zeners
BZX55C2V4 - BZX55C91
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Symbol
Parameter
Value
Units
PD
Power Dissipation
@ TL
≤ 75°C, Lead Length = 3/8”
500
mW
Derate above 75
°C4.0
mW/
°C
TJ, TSTG
Operating and Storage Temperature Range
-65 to +200
°C
Tolerance = 5%
DO-35 Glass case
COLOR BAND DENOTES CATHODE


Número de pieza similar - BZX55C6V8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BZX55C6V8 VISHAY-BZX55C6V8 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Guangdong Kexin Industr...
BZX55C6V8 KEXIN-BZX55C6V8 Datasheet
1Mb / 3P
   Zener Diodes
logo
Chongqing Pingwei Enter...
BZX55C6V8 CHONGQING-BZX55C6V8 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
BZX55C6V8 CHENDA-BZX55C6V8 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Fairchild Semiconductor
BZX55C6V8 FAIRCHILD-BZX55C6V8 Datasheet
166Kb / 4P
   BZX55C2V4 - BZX55C56 Zener Diodes
More results

Descripción similar - BZX55C6V8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com