Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-1050 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-1050
Descripción Electrónicos  T-1 (3mm) Right Angle Mount Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1050 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-1050 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1050 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agilent HLMP-1050
T-1 (3mm) Right Angle Mount
Housing
Technical Data
Features
• Fits Any Agilent High Dome T-1 LED
Lamp
• Snap-In Fit Makes Mounting Simple
• High Contrast Black Plastic
• May Be Ordered with Mounted T-1
Lamp as an Option.
• Housing meets UL94V-0
Flammability Rating
Description
The HLMP-1050 is a black plastic right
angle housing which mates with
Agilent high dome T-1 lamps. The leads
should be prebent 90
° as shown prior
to snapping into the right angle
housing.
The housing material is high
temperature nylon capable of
withstanding temperatures up to
+150
°C.
Physical Dimensions
NOTES: ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
Option No.
Cathode Lead Length
Anode Lead Length
A1
16.0 (0.630)
1.27 (0.050)
Unsheared Uneven Leads
A2
3.43 (0.135) Min.
3.43 (0.135) Min.
Sheared Even Leads


Número de pieza similar - HLMP-1050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1050 AVAGO-HLMP-1050 Datasheet
79Kb / 1P
   T-1 (3mm) Right Angle Mount Housing
logo
Broadcom Corporation.
HLMP-1050 BOARDCOM-HLMP-1050 Datasheet
79Kb / 1P
   T-1 (3mm) Right Angle Mount Housing
More results

Descripción similar - HLMP-1050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1050 AVAGO-HLMP-1050 Datasheet
79Kb / 1P
   T-1 (3mm) Right Angle Mount Housing
logo
Broadcom Corporation.
HLMP-1050 BOARDCOM-HLMP-1050 Datasheet
79Kb / 1P
   T-1 (3mm) Right Angle Mount Housing
logo
LUMEX INC.
SSF-LXH305ID-TR LUMEX-SSF-LXH305ID-TR Datasheet
73Kb / 1P
   T-3mm (T-1) RIGHT ANGLE SURFACE MOUNT LED
SSF-LXH305SGD-TR LUMEX-SSF-LXH305SGD-TR Datasheet
97Kb / 1P
   T-3mm (T-1) RIGHT ANGLE SURFACE MOUNT LED
SSF-LXH305YD-TR LUMEX-SSF-LXH305YD-TR Datasheet
72Kb / 1P
   T-3mm (T-1) RIGHT ANGLE SURFACE MOUNT LED
SSF-LXH305SRD-TR LUMEX-SSF-LXH305SRD-TR Datasheet
73Kb / 1P
   T-3mm (T-1) RIGHT ANGLE SURFACE MOUNT LED
logo
Kingbright Corporation
WP937EW-EGW KINGBRIGHT-WP937EW-EGW Datasheet
382Kb / 6P
   T-1 (3mm) RIGHT ANGLE INDICATOR
WP93A8EWP KINGBRIGHT-WP93A8EWP Datasheet
256Kb / 7P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934ZH-YD KINGBRIGHT-WP934ZH-YD Datasheet
260Kb / 4P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW-SRD KINGBRIGHT-WP934EW-SRD Datasheet
251Kb / 4P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com