Low Power CMOS SRAM
128K X 16
UC62LS2048
-20/-25
Features:
• Vcc operation voltage :
3.0 V~ 3.6V
• Low power consumption :
20mA (Max.) operating current
1uA (Typ.) CMOS standby current
• High Speed Access time :
25ns (Max.) at Vcc = 3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Data retention supply voltage as low as 1.2V
• Easy expansion with CE\ and OE\ options
Description
The UC62LS2048 is a high performance, low power
CMOS Static Random Access Memory organized as 131,072
words by 16 and operates from 3.0 V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide
both high speed and low power features with a typical CMOS
standby current of 1uA and maximum access time of 25ns in
3.0V operation.
Easy memory expansion is provided enable (CE\), and
active LOW output enable (OE\) and three-state output
drivers.
The UC62LS2048 has an automatic power down feature,
reducing the power consumption significantly when chip is
deselected.
The US62LS2048 is available in the JEDEC standard 44
pin TSOP (Type II) and 48 pin mini-BGA.
PRODUCT FAMILY
Power Consumption
Speed
(ns)
STANDBY
Operating
Product Family
Operating
Tempature
Vcc Range
Vcc=3.0V(Max.)
Vcc=3.3V(Typ.)
Vcc=3.6V(Max.)
Package
Type
UC62LS2048JC
TSOPII-44
UC62LS2048KC
BGA-48
UC62LS2048AC
0
~ 70
℃℃
3.0V ~ 3.6V
20/25
1uA
20mA
DICE
UC62LS2048JI
TSOPII-44
UC62LS2048KI
BGA-48
UC62LS2048AI
-40
~
℃
85℃
3.0V ~ 3.6V
20/25
1uA
20mA
DICE
PIN CONFIGURATIONS
A4
1
A3
2
A2
3
A1
4
A0
5
CE
6
DQ0
7
DQ1
8
DQ2
9
DQ3
10
11
GND
12
DQ4
13
DQ5
14
DQ6
15
DQ7
16
WE
17
A16
18
A15
19
A14
20
A13
21
A12
22
A5
44
A6
43
A7
42
OE
41
UB
40
LB
39
DQ15
38
DQ14
37
DQ13
36
DQ12
35
GND
34
VCC
33
DQ11
32
DQ10
31
DQ9
30
DQ8
29
NC
28
A8
27
A9
26
A10
25
A11
24
NC
23
UC62LS2048JC
LB
OE
A0
A1
A2
NC
DQ8
UB
A3
A4
CE
DQ0
DQ9
DQ10
A5
A6
DQ1
DQ2
GND
DQ11
NC
A7
DQ3
VCC
VCC
DQ12
NC
A16
DQ4
GND
DQ14
DQ13
A14
A15
DQ5
DQ6
DQ15
NC
A12
A13
WE
DQ7
NC
A8
A9
A10
A11
NC
VCC
UC62LS2048JI
BLOCK DIAGRAM
MEMORY ARRAY
128K X 16 Bits
COLUMN DECODER
SENSE AMPLIFIER
&
WRITE DRIVER
I/O BUFFER
X16
COL
Address
ROW
Address
CE
WE
OE
CE
WE
OE
DQ0 ~ DQ15
UB
LB
UB
LB
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
1